Moteur de recherche de fiches techniques de composants électroniques |
|
SB13053R5YL Fiches technique(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
SB13053R5YL Fiches technique(HTML) 6 Page - ABC Taiwan Electronics Corp |
6 / 7 page 200 Modified Polyesterimide EILOCKW Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane See General Information Preceding These Recognitions @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- fies base coated magnet wire twisted together and covered with top coat overall. For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. Modified Polyester Modified Polyester Modified Polyester Modified Polyester Modified Polyester Polyesterimide AE-001A Marking: Company name or trademarks Recognized Component Mark. 287806002 ____ SF.BW@ 287806002 Dsg UEW-4 UEY UEY-2 SFFY UEW-2 UEW-1 Mtl SFFW Dsg ____ ____ ____ ____ ____ ____ ____ Mark FL.EILOCKY SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.FLW SF.EIW SF.BY@ SF.FLY@ LSFFW LSUEW PEY PEW EIW EIW-2 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ , material designation or marked designation on packaed or reel, and OBMW2⁄E174837 September 8 , 2000 Page 2 of 2 榮星電線 or A not-for-profit organization dedicated to public safety and committed to quality service ____ Polyamide MW26C Polyamide Polyamide BC Page 1 of 2 Coat Typ Polyurethane Type OC ____ Nylon ____ ____ MW75C MW28-C MW28-C ___ MW80C MW2-C ANSI MW79 Polyamide Polyamide Polyamide Modified Polyester Polyurethane Polyurethane Polyester Polyester ____ ____ MW26C Modified Modified Nylon Nylon ___ ___ ___ MW77C MW27-C MW27-C ____ Nylon ____ ____ Epoxy ____ ____ MW79-C ___ ___ MW24-C ___ ___ MW74-C 155 Class 130 130 130 155 130 105 Temp 155 155 155 180 180 180 155 155 155 130 155 155 220 155 200 Polyesterimide Polyesterimide JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN Polyamideimide SMD POWER INDUCTOR SPECIFICATION FOR APPROVAL Ⅸ﹒ UL CARD: PROD. NAME OBMW2 EILOCKY HSIEN TAIWAN Magnet Wire-Component AIW EIAIW CFUEWB Dsg Mtl ____ ____ ____ ____ ____ Dsg Mark REF : SB1305□□□□L□-□□□ September 8, 2000 Polyamideimide Coat Typ Polyurethane BC ____ Polyamide ____ OC MW81-C ___ ___ MW75C MW35C Type ANSI ABC'S DWG NO. ABC'S ITEM NO. 220 130 180 200 Class Temp E174837 PAGE: 6 |
Numéro de pièce similaire - SB13053R5YL |
|
Description similaire - SB13053R5YL |