Moteur de recherche de fiches techniques de composants électroniques |
|
SB1608220M2 Fiches technique(PDF) 3 Page - ABC Taiwan Electronics Corp |
|
SB1608220M2 Fiches technique(HTML) 3 Page - ABC Taiwan Electronics Corp |
3 / 6 page User direction of feed Components 100 200 m/m Min. End Leader no component P:8 m/m 4 m/m 100 100 100 100 Start Trailer no component 400 m/m Min. 100 14 14 G.W. (Kg) Outer : Carton AE-001A Q'TY (pcs) ( 3 ) Q'TY & G.W. Per Package SB1608 SB1608 2,500 600 Series ( 2 ) Dimensions 13-12 07-12 330 178 Style A 13-12 Style 07-12 G.W. (gw) 900 215 Inner : Reel Q'TY (pcs) 20,000 24,000 13±0.5 13 21±0.8 21±0.8 BC 12 12 D 40 x 40 x 24 42 x 41 x 24 Size (cm) 8.0 9.4 Unit:m/m +0 +0 -0 50 -0 50 GN 18.4 16.5 T ABC'S DWG NO. ABC'S ITEM NO. SPECIFICATION FOR APPROVAL Carrier Tape Width : D ※ C ∮ G ( 1 ) Configuration 2.0±0.5 Ⅵ﹒ PACKAGING INFORMATION: NAME PROD. REF : T Embossed Carrier D PAGE: 3 Cover Tape SB1608□□□□2□-□□□ SMD POWER INDUCTOR |
Numéro de pièce similaire - SB1608220M2 |
|
Description similaire - SB1608220M2 |