Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB1305680ML Fiches technique(PDF) 3 Page - ABC Taiwan Electronics Corp

No de pièce SB1305680ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABC [ABC Taiwan Electronics Corp]
Site Internet  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1305680ML Fiches technique(HTML) 3 Page - ABC Taiwan Electronics Corp

  SB1305680ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1305680ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1305680ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1305680ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1305680ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1305680ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1305680ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Components
400 m/m min.
200 m/m min.
26
G.W. (Kg)
6.8
Outer : Carton
AE-001A
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
Series
SB1305
600
( 2 ) Dimensions
13 - 24
Style
330
A
Style
13 - 24
G.W. (gw)
1,430
Inner : Reel
Q'TY (pcs)
2,400
User direction of feed
21±0.8
B
13
CD
24
40 x 40 x 24
Size (cm)
Unit:m/m
+0
G
50-0
N
30.4
T
SPECIFICATION FOR APPROVAL
ABC'S DWG NO.
ABC'S ITEM NO.
Carrier Tape Width : D
Embossed Carrier
C
End
Leader
no component
P:16 m/m
4 m/m
6R8
6R8
6R8
6R8
G
SMD POWER INDUCTOR
2.0±0.5
Ⅵ﹒
PACKAGING INFORMATION:
( 1 ) Configuration
NAME
PROD.
REF :
T
Start
Trailer
no component
6R8
D
PAGE: 3
Cover Tape
SB1305□□□□L□-□□□


Numéro de pièce similaire - SB1305680ML

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB130 PANJIT-SB130 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Vishay Siliconix
SB130 VISHAY-SB130 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
SB130 VISHAY-SB130 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Shanghai Shunye Electro...
SB130 SHUNYE-SB130 Datasheet
259Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SB130 SEMTECH_ELEC-SB130 Datasheet
199Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SB1305680ML

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com