Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB1005222KL Fiches technique(PDF) 8 Page - ABC Taiwan Electronics Corp

No de pièce SB1005222KL
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABC [ABC Taiwan Electronics Corp]
Site Internet  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1005222KL Fiches technique(HTML) 8 Page - ABC Taiwan Electronics Corp

  SB1005222KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1005222KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1005222KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1005222KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1005222KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1005222KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1005222KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SB1005222KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AR-001A
NAME
PROD.
REF :
___
___
___
4
2
240
200
1.5
94V-0
220
220
130
130
130
130
130
130
130
130
E400(Y)L , E4008L
E4810
NC , BK
NC , BK
1.5
94V-0
3.0
94V-0
1.5
0.30
3.0
0.75
3.0
0.30
0.75
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
___
___
0
130
130
130
1301
130
130
130
130
200
130
130
2
130
130
130
130
1
0
240
130
130
1
3
___
___
___
4
4
0
54
___
4
___
4
4
___
0
___
___
4
4
___
0
___
___
___
___
5
___
___
4
___
___
5
___
___
4
___
SB1005□□□□L□-□□□
ABC'S ITEM NO.
ABC'S DWG NO.
Elec
130
130
130
130
220
220
130
220
220
130
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
E4010
E4008
NC , BK
NC , WT , BK
E4008 , E400X
Mtl Dsg
Col
NC , BK
1.5
3.0
0.75
0.30
3.0
1.5
0.75
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
mm
0.75
0.30
Min
Thk
Class
94V-0
94V-0
UL94
Flame
SMD POWER INDUCTOR
H
I
___
___
W
___
200
200
180
130
130
130
180
130
2
240
240
220
130
1
3
130
130
220
130
1
2
3
Mech
Imp
130
130
RTI
with
Imp
130
130
3
w/o
___
___
___
___
4
___
4
4
___
0
___
___
4
4
4
___
0
___
___
___
___
5
___
___
4
___
___
5
___
___
4
___
R
I
___
4
___
___
H
A
H
V
T
I
5
___
___
___
___
4
D
9
C
T
E54705 (M)
SPECIFICATION FOR APPROVAL
PAGE: 8
20091110-B


Numéro de pièce similaire - SB1005222KL

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
SB100594WE1 MACOM-SB100594WE1 Datasheet
5Mb / 85P
   tyco electronics contents
More results

Description similaire - SB1005222KL

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com