Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA1005X7R104D100NBE Fiches technique(PDF) 2 Page - SAMWHA ELECTRIC

No de pièce SA1005X7R104D100NBE
Description  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMWHA [SAMWHA ELECTRIC]
Site Internet  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SA1005X7R104D100NBE Fiches technique(HTML) 2 Page - SAMWHA ELECTRIC

  SA1005X7R104D100NBE Datasheet HTML 1Page - SAMWHA ELECTRIC SA1005X7R104D100NBE Datasheet HTML 2Page - SAMWHA ELECTRIC SA1005X7R104D100NBE Datasheet HTML 3Page - SAMWHA ELECTRIC SA1005X7R104D100NBE Datasheet HTML 4Page - SAMWHA ELECTRIC SA1005X7R104D100NBE Datasheet HTML 5Page - SAMWHA ELECTRIC SA1005X7R104D100NBE Datasheet HTML 6Page - SAMWHA ELECTRIC SA1005X7R104D100NBE Datasheet HTML 7Page - SAMWHA ELECTRIC SA1005X7R104D100NBE Datasheet HTML 8Page - SAMWHA ELECTRIC SA1005X7R104D100NBE Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Multi Layer Ceramic Capacitors
7
SAMWHA CAPACITOR Co., Ltd.
6
Capacitance Tolerance Code
Code
Tolerance
Code
Tolerance
B
±0.1pF
M
±20%
C
±0.25pF
P
+100, -0%
D
±0.5pF
Z
+80, -20%
F
±1.0%
H
+0.25/-0pF
G
±2.0%
I
+0/-0.25pF
J
±5%
U
+5/-0%
K
±10%
V
+0/-5%
Voltage Code
Code
6R3
100
160
250
500
101
201
251
631
302
Vol.
DC 6.3V
DC 10V
DC 16V
DC 25V
DC 50V
DC 100V
DC 200V
DC 250V
DC 630V
DC 3000V
Capacitance Code(Pico Farads)
The nominal capacitance value in pF is expressed by three digit numbers.
The first two digits represents significant figures and the last digit denotes the number of zero
Ex.) 104 = 100000pF
R denotes decimal
8R2 = 8.2pF
Termination Code
Ex.) N : Ni-Sn (Nickel-Tin Plate)
Packing Code
Ex.) R : Reel Type
B : Bulk Type
Thickness Option
Typical Performance Characteristics
COG
Application
Suited for precision circuits, requiring stable dielectric characteristics, negligible dependence of capacitance and
dissipation factor on time, voltage and frequency.
Dielectric Characteristics
Temperature Characteristic
0±30ppm/℃
Operating Temperature
-55~125℃
Capacitance Tolerance
10pF : ±5%, ±10%, (±1%, ±2%, ±20%)
≤10pF : ±0.1pF, ±0.25pF, ±0.5pF
Dissipation Factor & Q
≥30pF : DF≤0.1%, Q≥1000
30pF :
Q≥400+20×C
Insulation Resistance
More than 10,000MΩor 500ΩF
(Whichever is smaller)
Dielectric Strength
3×RVDC
Test Voltage
0.5 to 5Vrms(≤1000pF), 1±0.2Vrms(>1000pF)
Test Frequency
1±0.1M㎐(≤1000pF), 1±0.1k㎐(>1000pF)
Application
Stable class Ⅱdielectric properties, suited for by-pass and coupling purposes, filtering, frequency discrimination, DC
blockage, and as voltage transient suppression elements.
Dielectric Characteristics
Temperature Characteristic
±15%
Operating Temperature
-55~125℃
Capacitance Tolerance
±10%, ±20%, (±5%, +80~-20%)
Dissipation Factor & Q
50V Min. : 2.5% Max. 25V Min. : 3.0% Max.
16V Min. : 3.5% Max. 10V Min. : 5.0% Max.
6.3V Min. : 5.0% Max.(<3.3㎌), 10% Max.(≥3.3㎌)
Thin layer lange capacitors type 10% Max.
Insulation Resistance
More than 10,000MΩor 500ΩF(Whichever is smaller)
Thin layer lange capacitors type 50ΩF Min.
Dielectric Strength
>2.5×RVDC
Test Voltage
1±0.2Vrms(≤10㎌, 10V Min.)
0.5±0.1Vrms(≤10㎌, 6.3V Max.)
0.5±0.1Vrms(>10㎌)
Test Frequency
1±0.1k㎐(≤10㎌, 10V Min.)
1±0.1k㎐(≤10㎌, 6.3V Max.)
120±24㎐(>10㎌)
X7R
SMD Type
Code
Thickness(mm)
Dimensions
Code
Thickness(mm)
Dimensions
L
Tol(±)
W
Tol(±)
Blank
0.30
0.03
E
1.30
0.20
Blank
0.50
0.05
H
1.35
0.20
A
0.60
0.10
I
1.60
0.20
B
0.80
0.10
J
1.80
0.20
B
0.85
0.15
K
2.00
0.25
E
1.00
0.15
L
2.50
0.25
E
1.10
0.15
M
2.80
0.30
E
1.15
0.15
N
3.20
0.30
E
1.25
0.15
O
5.00
0.40
(Unit : mm)


Numéro de pièce similaire - SA1005X7R104D100NBE

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
SA100 CHONGQING-SA100 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA100 PANJIT-SA100 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA100 FCI-SA100 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA100 TSC-SA100 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SA100 YANGJIE-SA100 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Description similaire - SA1005X7R104D100NBE

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com