Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4937 Fiches technique(PDF) 1 Page - Transys Electronics

No de pièce 1N4937
Description  FAST SWITCHING PLASTIC RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRSYS [Transys Electronics]
Site Internet  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

1N4937 Fiches technique(HTML) 1 Page - Transys Electronics

  1N4937 Datasheet HTML 1Page - Transys Electronics 1N4937 Datasheet HTML 2Page - Transys Electronics 1N4937 Datasheet HTML 3Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4933 THRU 1N4937
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
FEATURES
l
High surge current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
l
Void-free Plastic in a DO-41 package
l
1.0 ampere operation at TA=55 with no thermal runaway
l
Fast switching for high efficiency
l
Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: Molded plastic, DO-41
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N4933
1N4934
1N4935
1N4936
1N4937
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
V
Maximum RMS Voltage
35
70
140
280
420
V
Maximum DC Blocking Voltage
50
100
200
400
600
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TA=55
1.0
A
Peak Forward Surge Current 8.3ms single half
sine
wave superimposed on rated load(JECEC method)
30
A
Maximum Forward Voltage at 1.0A
1.2
V
Maximum Reverse Current TJ=25
at Rated DC Blocking Voltage TJ=100
5.0
500
A
A
Typical Junction capacitance (Note 1) CJ
12
PF
Maximum Reverse Recovery Time(Note 2)
200
ns
Typical Thermal Resistance (Note 3) R JA
41
/W
Storage and Operating Temperature Range
-55 to +150
DO-41


Numéro de pièce similaire - 1N4937

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
1N4937 MOTOROLA-1N4937 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Gaomi Xinghe Electronic...
1N4937 GXELECTRONICS-1N4937 Datasheet
325Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Semikron International
1N4937 SEMIKRON-1N4937 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
HY ELECTRONIC CORP.
1N4937 HY-1N4937 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
logo
Dc Components
1N4937 DCCOM-1N4937 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Description similaire - 1N4937

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
PS300R PANJIT-PS300R_09 Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA159-E3 VISHAY-BA159-E3 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com