Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU9H-2011R6BL Fiches technique(PDF) 5 Page - Coilcraft lnc.

No de pièce BU9H-2011R6BL
Description  Common Mode Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COILCRAFT [Coilcraft lnc.]
Site Internet  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

BU9H-2011R6BL Fiches technique(HTML) 5 Page - Coilcraft lnc.

  BU9H-2011R6BL Datasheet HTML 1Page - Coilcraft lnc. BU9H-2011R6BL Datasheet HTML 2Page - Coilcraft lnc. BU9H-2011R6BL Datasheet HTML 3Page - Coilcraft lnc. BU9H-2011R6BL Datasheet HTML 4Page - Coilcraft lnc. BU9H-2011R6BL Datasheet HTML 5Page - Coilcraft lnc. BU9H-2011R6BL Datasheet HTML 6Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 260-5
Document 260-5
Revised 09/09/09
Common Mode Chokes - BU15 Series
Frequency range
Inductance2
Inductance difference
Impedance max
@ 75% of
DCR1
Current
L1, L2
L1 - L2
Part number
(kOhms)
impedance max
(Ohms)
max (Aac)
min (mH)
max (µH)
BU15-4530R4BL
400 @ 230 kHz
140 – 160 kHz
3.0
0.40
45.0
300
BU15-1430R7BL
115 @ 470 kHz
400 – 650 kHz
1.0
0.70
14.0
300
BU15-7521R0BL
60 @ 600 kHz
420 – 720 kHz
0.6
1.00
7.5
150
BU15-4421R3BL
36 @ 670 kHz
430 – 1000 kHz
0.3
1.30
4.4
100
BU15-2721R6BL
20 @ 1000 kHz
510 – 1400 kHz
0.2
1.60
2.7
60
Typical Attenuation
Typical Impedance
0.177 ±0.04
4,5 ±1,0
0.40 ±0.02
10,0 ±0,5
0.40 ±0.02
10,0 ±0,5
0.91
23,0
max
max
1.08
27,5
Æ
0.028
0,7
Æ
0.047
1,2
max
0.75
19,0
0.51 ±0.02
13,0 ±0,5
0.51 ±0.02
13,0 ±0,5
Dot
indicates
pin 1
2
1
3
4
3
3
2
2
2
4
4
4
1
1
1
1
Recommended
Board Layout
1. DCR is per winding
2. Inductance tested at 1 kHz, 1 Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or equivalent.
3. 1000 Vrms typical isolation between windings.
4. Electrical specifications at 25°C.


Numéro de pièce similaire - BU9H-2011R6BL

FabricantNo de pièceFiches techniqueDescription
logo
Coilcraft lnc.
BU9H-2011R6BL COILCRAFT-BU9H-2011R6BL Datasheet
265Kb / 6P
   Common Mode Chokes
More results

Description similaire - BU9H-2011R6BL

FabricantNo de pièceFiches techniqueDescription
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com