Moteur de recherche de fiches techniques de composants électroniques |
|
TA150-05A Fiches technique(PDF) 1 Page - Bothhand USA, LP. |
|
TA150-05A Fiches technique(HTML) 1 Page - Bothhand USA, LP. |
|
1 / 1 page P/N:TA150-05A DATA SHEET Page : 1/1 Feature ! Low leakage inductance and coupling capacitance for faster rise times. ! Small form factor, 50 mil lead spacing. ! Through hole, auto-insertable, 16-pin DIP package. ! Operating temperature range: 0℃ to +70℃. ! Storage temperature range: -25℃to +125℃. Electrical Specifications @ 25°C Part Number Turns Ratio (±5%) Sine wave inductance (μH±20%) 100KHz/20mVrms L.L (μH Max) 100KHz/20mVrms Interwinding Capacitance (pF Max) 100KHz/20mVrms TA150-05A 1:1 150 0.20 10 Continue Part Number DCR (Ω Max) Primary ET-constant (v-us Min) Rise Time 75 Ω Systems (ns Max) HI-POT (Vrms) Primary Pins TA150-05A 0.3 2.1 3.0 500 1-2/4-5/7-8 Schematic Mechanical Bothhandusa.com ISOLATION TRANSFORMER FOR ETHERNET 462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 |
Numéro de pièce similaire - TA150-05A |
|
Description similaire - TA150-05A |