Moteur de recherche de fiches techniques de composants électroniques |
|
CA2633X7R104M101B Fiches technique(PDF) 3 Page - SAMWHA ELECTRIC |
|
CA2633X7R104M101B Fiches technique(HTML) 3 Page - SAMWHA ELECTRIC |
3 / 4 page Multi Layer Ceramic Capacitors 29 SAMWHA CAPACITOR Co., Ltd. 28 Radial & Axial 7. Appearance No marked defect Capacitance Within ±2.5% or ±0.25pF X7R : ≤± 7.5% Change (whichever is larger) Z5U, Y5V : ≤± 20% Dissipation Factor(or Q) I.R. More than 10,000 MΩ or 500Ω.F (whichever & smaller) 8. Temperature Appearance No marking defects Cycle Capacitance Within±2.5% or ±0.25pF X7R : Within + 7.5% Change Z5U, Y5V : Within ± 20% Dissipation Factor(or Q) I.R. More than 10,000 MΩ or 500Ω.F (Whichever is smaller) 9. Humidity Appearance No marking defects Load Capacitance Within ±7.5% or±0.75㎊ X7R : Within ±12.5% Change (whichever is larger) Z5U : Within ±30% Y5V : Within + 30%, -40% (Y5V/1.0μF, 2.2μF, 4.7μF/10V) Within ±30% (others) Dissipation Factor(or Q) I.R. More than 500 MΩ or 25Ω.F(whichever is smaller) 10. Appearance No marked defect Capacitance Within ±3% or±0.3㎊ X7R : Within ±12.5% , Z5U : Within ±30% change (whichever is larger) Y5V : Within ±30%(Cap. < 1.0μF) Within +30% , -40%(Cap. ≥ 1.0μF) No. Item Characteristic Temperature Compensating Type High Dielectric Constant Type Test Methods and Conditions Char. 50V Min. 25V 16V 10V X7R ≤ 2.5% ≤3% ≤3.5% ≤5.0% Z5U ≤4.0% -- - ≤5% ≤9% Y5V (<220㎋) ≤7% (<220㎋) ≤12.5% ≤7% ≤12.5% (≥220㎋)(≥220㎋) Char. 50V Min. 25V 16V 10V X7R ≤ 2.5% ≤3% ≤3.5% ≤5.0% Z5U ≤4.0% -- - ≤5% ≤9% Y5V (<220㎋) ≤7% (<220㎋) ≤12.5% ≤7% ≤12.5% (≥220㎋)(≥220㎋) Char. 50V Min. 25V 16V 10V X7R ≤5% ≤5% ≤5% ≤5% Z5U ≤4.0% -- - ≤10% Y5V ≤7.5% (<1 ㎌) ≤12.5% ≤15% ≤12.5% (≥1 ㎌) 30㎊ Min. : Q≥1,000 (DF≤0.1%) 30㎊ Max. : Q≥400+20C (DF≤1/(400+20C)) 30㎊ Min. : Q≥1,000 (DF≤0.1%) 30㎊ Max. : Q≥400+20C (DF≤1/(400+20C)) 30㎊ Min. : Q≥200 (DF≤0.5%) 30㎊ Max. : Q≥100+10/3C (DF≤1/(100+10/3C)) - Soldering Temp : 260±5℃ - Immersion Time : 5±0.5sec - Take it out and set it for 24±2 hours(temperature compensating type)or 48±4hours(high dielectric constant type) then measure. Take it out and set it for 24±2 hours [tempeature compensating or 48±4 hours(high dielectric Type) at room temperature, than measure. - Temperature : 40±2℃ - Humidity : 90~95%RH - Hour : 500±12hrs - Test Voltage : Tge rated voltage - Take it out and set it for 24±2 hours (temperature compensatig) or 48±4 hours(high dielectric constant type) at room temperature, then measure. The charge/discharge current is less than 50mA. Step 1 2 3 4 Min. Max. Temp. Operating Room Operating Room (℃) Temp. Temp. Temp. Temp. +0, -3 +3, -0 Time 30±3 2 to 3 30±3 2 to 3 (min) Resistance to Soldering Heat High Temperature Load - Testing Time : 1000±12hrs - Applied Voltage : Rated Voltage×200% - Temperature : C0G, X7R → 125±3℃ Z5U, Y5V → 85±3℃ 10 Dissipation Factor(or Q) I.R. More than 1000 MΩ or 50ΩF(Whichever is smaller) 11 Capacitance Capacitance Temperature Change Characteristics 12 The regulation of environmental pollution materials 13 The regulation about destructive materials of the ozone layer No. Item Characteristic Temperature Compensating Type High Dielectric Constant Type Test Methods and Conditions 30㎊ Min. : Q≥350 (DF≤0.3%) 10㎊≤Cp≤30㎊: Q≥275+5/2C (DF≤1/(275+5/2C)) 10㎊ Max. : Q≥200+10C (DF≤1/(200+10C)) Take it out and set it for 24±2 hours (temperature compensatig) or 48±4 hours(high dielectric constant type) at room temperature, then measure. The charge/discharge current is less than 50mA. (1) Temperature Compensating Type : The temperature coefficient is determined using the capacitance measured in step 3 as a reference. When cycling the temperature sequentially from step 1 through 5. (SL: +25 to 85℃) the capacitance shall be with in the specified tolerance for the temperature coefficient. The capacitance drift is calculated dividing the difference between the maximum measured values in the step 1, 3 and 5 by Cap, value in step 3. Char. Temp. Reference Cap. Range Temp. Change X7R -55 to Within +125℃ ±15% Z5U -10 to Within +85℃ +22% -56% Y5V -30 to Within +85℃ +22% -82% Step Temperature(℃) 125±2 2-55±3 325±2 4 125±3(for C0G) 525±2 (2) High Dielectric Constant Type : The ranges of capacitance change compared with the 25℃ value over the temperature range shown in the table shall be in the specified range. Temperature Coefficient Char. Temp. Temperature Range Coefficient C0G -55 to ±30ppm/℃ +125℃ ※Never use materials mentioned below in leaded MLCC products regulated this document. Pb, Cd, Hg, Cr+6, PBB(polybromida biphenyl), PBDE(polybrominated diphenyl ethers), asbestos. Never use the ODS(ozone depleting substance) materials below in leaded MLCC products regulated this document. High Temperature Load Char. 50V Min. 25V 16V 10V X7R ≤5% ≤5% ≤5% ≤5% Z5U ≤4.0% -- - ≤10% Y5V ≤7.5% (<1㎌) ≤12.5% ≤15% ≤7% (≥1㎌) 25℃ Packing Quantity Radial Type Axial Type Inner Box Outer Box Remark Inner Box Outer Box Remark 2,500 15,000 Packing set on the basis of flat tapping 5,000 50,000 Packing set on the basis of flat tapping Unit : pcs |
Numéro de pièce similaire - CA2633X7R104M101B |
|
Description similaire - CA2633X7R104M101B |