Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB3216PA310 Fiches technique(PDF) 10 Page - SAMWHA ELECTRIC

No de pièce CB3216PA310
Description  BEADS, For Power Line
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMWHA [SAMWHA ELECTRIC]
Site Internet  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB3216PA310 Fiches technique(HTML) 10 Page - SAMWHA ELECTRIC

Back Button CB3216PA310 Datasheet HTML 5Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 6Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 7Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 8Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 9Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 10Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 11Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 12Page - SAMWHA ELECTRIC CB3216PA310 Datasheet HTML 13Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
5.0
3.8
3.6
1.5
4532
5.0
3.0
3.6
1.5
4516
5.0
3.0
1.5
1.3
3216
4.0
1.3
1.0
1.0
2012
2.0
1.3
0.8
1.0
1608
ITEM
1005
0.7
0.5
B
(mm)
0.7
0.7
W
(kgf)
C
(mm)
A
(mm)
No mechanical damage
Flexure strength
1. No mechanical damage
2. Impedance shall not change more than ±30 %
Temperature : 40
± 2 ℃
Humidity : 90
± 2 % RH
Applied current : rated current
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Humidity load
resistance
Temperature : -55
± 3 ℃
Time : 1000
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Low temperature
resistance
1. -55
± 3℃ for 30 minutes
2.125
± 3 ℃ for 30 minutes
3. repeat 100 cycle
Thermal shock
The terminal electrode shall be neither break off
nor the chip damage
Drop 10 times on a concrete floor
from a height of 100 cm
Drop
Bending strength
Frequency : 10 ~ 55 Hz
Amplitude : 1.5 mm
Direction : X, Y, Z
Sweep time : 2 hours for each axis
Vibration
Test Conditions
Requirements
Item
Reliability & Test Condition
DPS-081104
CHIP BEADS
W
A
B
C
R0.5
A
20
50
R340
W
2 mm
Resistance meter


Numéro de pièce similaire - CB3216PA310

FabricantNo de pièceFiches techniqueDescription
logo
SAMWHA ELECTRIC
CB3216GA102 SAMWHA-CB3216GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA121 SAMWHA-CB3216GA121 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA151 SAMWHA-CB3216GA151 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA201 SAMWHA-CB3216GA201 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA301 SAMWHA-CB3216GA301 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

Description similaire - CB3216PA310

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
   Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
   Chip Beads(SMD) For Power Line
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com