Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB1608UK600 Fiches technique(PDF) 3 Page - SAMWHA ELECTRIC

No de pièce CB1608UK600
Description  Ultra Power Line Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMWHA [SAMWHA ELECTRIC]
Site Internet  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1608UK600 Fiches technique(HTML) 3 Page - SAMWHA ELECTRIC

  CB1608UK600 Datasheet HTML 1Page - SAMWHA ELECTRIC CB1608UK600 Datasheet HTML 2Page - SAMWHA ELECTRIC CB1608UK600 Datasheet HTML 3Page - SAMWHA ELECTRIC CB1608UK600 Datasheet HTML 4Page - SAMWHA ELECTRIC CB1608UK600 Datasheet HTML 5Page - SAMWHA ELECTRIC CB1608UK600 Datasheet HTML 6Page - SAMWHA ELECTRIC CB1608UK600 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1608UK600 Datasheet HTML 8Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SAMWHA ELECTRONICS CO., LTD
v 1608~4532 SIZE
http://www.samwha.com/chip
DPS-081104
This description in the this catalogue is subject to change without notice
DPS-081104
CHIP BEADS, For Ultra Power Line
1
10
100
1000
0
40
80
120
160
X
R
Z
CB 2012 UM 121
Frequency[MHz]
1
10
100
1000
0
15
30
45
60
X
R
Z
CB 2012 UA 300
Frequency [MHz]
1
10
100
1000
0
30
60
90
120
X
R
Z
CB 2012 UA 101
Frequency [MHz]
1
10
100
1000
0
50
100
150
200
X
R
Z
CB 2012 UK 121
Frequency [MHz]
1
10
100
1000
0
40
80
120
160
X
R
Z
CB 3216 UM 121
Frequency[MHz]
1
10
100
1000
0
50
100
150
200
CB 2012 UJ 121
X
R
Z
Frequency [MHz]
1
10
100
1000
0
25
50
75
100
CB 1608 UK 500
X
R
Z
Frequency [MHz]
1
10
100
1000
0
25
50
75
100
CB 1608 UK 600
X
R
Z
Frequency [MHz]
1
10
100
1000
0
45
90
135
180
X
R
Z
CB 3216 UA 121
Frequency [MHz]
1
10
100
1000
0
70
140
210
280
X
R
Z
CB 4532 UK 121
Frequency [MHz]


Numéro de pièce similaire - CB1608UK600

FabricantNo de pièceFiches techniqueDescription
logo
SAMWHA ELECTRIC
CB1608GA100 SAMWHA-CB1608GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA102 SAMWHA-CB1608GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA121 SAMWHA-CB1608GA121 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA221 SAMWHA-CB1608GA221 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1608GA300 SAMWHA-CB1608GA300 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

Description similaire - CB1608UK600

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
AVRX750U TRIPPLITE-AVRX750U Datasheet
523Kb / 4P
   AVR Series 750VA Ultra-compact Line-Interactive
logo
Murata Manufacturing Co...
LXES03AAA1-134 MURATA-LXES03AAA1-134 Datasheet
151Kb / 2P
   Ultra High-speed Transmission Line
LXES03AAA1-154 MURATA-LXES03AAA1-154 Datasheet
153Kb / 2P
   Ultra High-speed Transmission Line
LXES15AAA1-153 MURATA-LXES15AAA1-153 Datasheet
150Kb / 2P
   Ultra High-speed Transmission Line
LXES1UBAB1-007 MURATA-LXES1UBAB1-007 Datasheet
154Kb / 2P
   Ultra High-speed Transmission Line
LXES15AAA1-133 MURATA-LXES15AAA1-133 Datasheet
153Kb / 2P
   Ultra High-speed Transmission Line
LXES03TBB1-141 MURATA-LXES03TBB1-141 Datasheet
154Kb / 2P
   Ultra High-speed Transmission Line
LXESEABAA6-046 MURATA-LXESEABAA6-046 Datasheet
157Kb / 2P
   Ultra High-speed Transmission Line
logo
List of Unclassifed Man...
PT12210 ETC1-PT12210 Datasheet
106Kb / 1P
   122 Series Power Line Chokes
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com