Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B25673A5302A020 Fiches technique(PDF) 4 Page - EPCOS

No de pièce B25673A5302A020
Description  Film Capacitors - Power Factor Correction
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B25673A5302A020 Fiches technique(HTML) 4 Page - EPCOS

  B25673A5302A020_09 Datasheet HTML 1Page - EPCOS B25673A5302A020_09 Datasheet HTML 2Page - EPCOS B25673A5302A020_09 Datasheet HTML 3Page - EPCOS B25673A5302A020_09 Datasheet HTML 4Page - EPCOS B25673A5302A020_09 Datasheet HTML 5Page - EPCOS B25673A5302A020_09 Datasheet HTML 6Page - EPCOS B25673A5302A020_09 Datasheet HTML 7Page - EPCOS B25673A5302A020_09 Datasheet HTML 8Page - EPCOS B25673A5302A020_09 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Film Capacitors – Power Factor Correction
B25673A5302A020
PhaseCap Compact capacitors
MKK525-D-30-02
FK PC PM PFC
December 2009
Please read Cautions and warnings and
Page 4 of 9
Important notes at the end of this document.
Switching voltages
Max. 10 000 switchings per year
Terminals
Protection degree
Isolated terminals, IP20
Max. torque
2.5 Nm
Terminal cross section
35 mm
2
Maximum terminal current
100 A
Creepage distance (min)
15 mm
Clearance (min)
12 mm
Safety
Mechanical safety
Overpressure disconnector
Max. short circuit current
(AFC: 10 kA)
Discharge resistor time
≤ 90 s to 75 V or less
Reference standards
IEC60831–1/2
Design data
Dimensions (d × l)
136 × 200 mm
Weight approx
3.2 kg
Impregnation
Non PCB, semi-dry biodegradable resin
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Upright or horizontal mounting position possible.
See “Maintenance and Installation Manual” for further details.


Numéro de pièce similaire - B25673A5302A020_09

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
B25673A5302A020 TDK-B25673A5302A020 Datasheet
193Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Description similaire - B25673A5302A020_09

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com