Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8016T Fiches technique(PDF) 2 Page - Sitronix Technology Co., Ltd.

No de pièce ST8016T
Description  COM/SEG LCD Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016T Fiches technique(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST8016T Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ST8016T
Preliminary Ver 0.12
Page 2/27
2007/10/29
1
FEATURES
n
Number of LCD drive outputs: 160
n
Supply voltage for LCD drive: +15.0 to +30.0 V
n
Supply voltage for the logic system: +2.5 to +5.5 V
n
Low power consumption
n
Low output impedance
(Segment mode)
n
Shift clock frequency
- 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
- 15 MHz (MAX.): VDD = +3.0 to + 4.5 V
- 12 MHz (MAX.): VDD = +2.5 to + 3.0 V
n
4-bit/8-bit parallel input modes are
selectable with a mode (MD) pin
n
Automatic transfer function of an enable
signal
n
Automatic counting function which, in the
chip selection mode, causes the internal
clock to be stopped by automatically
counting 160 bits of input data
n
Line latch circuits are reset when /DISPOFF
active
(Common mode)
n
Shift clock frequency: 4 MHz (MAX.)
n
Built-in 160-bit bi-directional shift register
(divisible into 80 bits x 2)
n
Available in a single mode (160-bit shift
register) or in a dual mode (80-bit shift
register x 2)
- Y1->Y160 Single mode
- Y160->Y1 Single mode
- Y1->Y80, Y81->Y160 Dual mode
- Y160->Y81, Y80->Y1 Dual mode
The above 4 shift directions are
pin-selectable
n
Shift register circuits are reset when
/DISPOFF active
2
DESCRIPTION
The ST8016T is a 160-output segment/common driver IC suitable for driving large/medium scale dot
matrix LCD panels, and is used in personal computers/work stations. The ST8016T is good both as a
segment driver and a common driver, and it can create a low power consuming, high-resolution LCD.


Numéro de pièce similaire - ST8016T

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
   COM/SEG LCD Driver
More results

Description similaire - ST8016T

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST8024 SITRONIX-ST8024 Datasheet
411Kb / 28P
   COM/SEG LCD Driver
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
   COM/SEG LCD Driver
ST8024T SITRONIX-ST8024T Datasheet
653Kb / 28P
   COM/SEG LCD Driver
ST8024S SITRONIX-ST8024S Datasheet
466Kb / 27P
   COM/SEG LCD Driver
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
   80 COM/SEG LCD DRIVER
logo
List of Unclassifed Man...
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
   40-CHANNEL SEG/COM LCD DRIVER
logo
Finechips
FD1000A FINECHIPS-FD1000A Datasheet
374Kb / 20P
   3-COM 52-SEG, 4-COM 51-SEG LCD Display Driver
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EPL43102 EMC-EPL43102 Datasheet
526Kb / 64P
   43 Com / 102 Seg LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com