Moteur de recherche de fiches techniques de composants électroniques |
|
ST8016T Fiches technique(PDF) 9 Page - Sitronix Technology Co., Ltd. |
|
ST8016T Fiches technique(HTML) 9 Page - Sitronix Technology Co., Ltd. |
9 / 29 page ST8016T Preliminary Ver 0.12 Page 9/27 2007/10/29 When the chip is used in dual mode, DI7 will be pulled down. When the chip is used in single mode, DI7 won't be pulled down(Connect to LGND or VDD, avoiding floating.). Ÿ Refer to section 7.2.2. S/C Segment mode/common mode selection pin Ÿ When set to LGND level "L", common mode is set. DI6-DI0 Not used Ÿ Connect DI6-DI0 to LGND or VDD, avoiding floating. XCK Not used Ÿ XCK is pulled down in common mode, so connect to LGND or open. Y1 -Y160 LCD drive output pins Ÿ Corresponding directly to each bit of the shift register, one level (V0, V12, V43, or VSS) is selected and output. Ÿ Table of truth-values is shown in "TRUTH TABLE" in Functional Operations. 7.2 Functional Operations 7.2.1 Truth table (Segment Mode) FR LATCH DATA /DISPOFF LCD DRIVE OUTPUT VOLTAGE LEVEL (Y1-Y160) L L H V43 L H H VSS H L H V12 H H H V0 X X L VSS (Common Mode) FR LATCH DATA /DISPOFF LCD DRIVE OUTPUT VOLTAGE LEVEL (Y1-Y160) L L H V43 L H H V0 H L H V12 H H H VSS X X L VSS NOTES: 1. VSS < V43 < V12 < V0 2. L : LGND (0 V), H : VDD (+2.5 to +5.5 V), X : Don't care 3. "Don't care" should be fixed to "H" or "L", avoiding floating. 4. There are two kinds of power supply (logic level voltage and LCD drive voltage) for the LCD driver. 5. Supply regular voltage that is assigned by specification for each power pin. |
Numéro de pièce similaire - ST8016T |
|
Description similaire - ST8016T |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |