Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8016T Fiches technique(PDF) 4 Page - Sitronix Technology Co., Ltd.

No de pièce ST8016T
Description  COM/SEG LCD Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016T Fiches technique(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST8016T Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016T Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ST8016T
Preliminary Ver 0.12
Page 4/27
2007/10/29
5
PIN DESCRIPTION (TCP TYPE)
PS : Detail size see TCP drawing data
SYMBOL
I/O
DESCRIPTION
Y1-Y160
O LCD drive output
V0L, V0R
P
Power supply for LCD drive
V12L, V12R
P
Power supply for LCD drive
V43L, V43R
P
Power supply for LCD drive
L/R
I
Display data shift direction selection
VDD
P
Power supply for logic system (+2.5 to +5.5 V)
S/C
I
Segment mode/common mode selection
EIO2, EIO1
I/O
Input/output for chip selection at segment mode
Shift data input/output for shift register at common mode
DI0-DI6
I
Display data input at segment mode
DI7
I
Display data input at segment mode/Dual mode data input at common mode
XCK
I
Clock input for taking display data at segment mode
/DISPOFF
I
Control input for output of non-select level
LP
I
Latch pulse input for display data at segment mode/
Shift clock input for shift register at common mode
FR
I
AC-converting signal input for LCD drive waveform
MD
I
4 or 8 bits mode selection input
VSS
P
Ground (0 V)
TEST1,TEST2
I
Connect to GND or floating


Numéro de pièce similaire - ST8016T

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
   COM/SEG LCD Driver
More results

Description similaire - ST8016T

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST8024 SITRONIX-ST8024 Datasheet
411Kb / 28P
   COM/SEG LCD Driver
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
   COM/SEG LCD Driver
ST8024T SITRONIX-ST8024T Datasheet
653Kb / 28P
   COM/SEG LCD Driver
ST8024S SITRONIX-ST8024S Datasheet
466Kb / 27P
   COM/SEG LCD Driver
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
   80 COM/SEG LCD DRIVER
logo
List of Unclassifed Man...
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
   40-CHANNEL SEG/COM LCD DRIVER
logo
Finechips
FD1000A FINECHIPS-FD1000A Datasheet
374Kb / 20P
   3-COM 52-SEG, 4-COM 51-SEG LCD Display Driver
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EPL43102 EMC-EPL43102 Datasheet
526Kb / 64P
   43 Com / 102 Seg LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com