Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8016S Fiches technique(PDF) 9 Page - Sitronix Technology Co., Ltd.

No de pièce ST8016S
Description  COM/SEG LCD Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016S Fiches technique(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST8016S Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ST8016S
Preliminary
Ver 0.24
Page 9/26
2009/10/01
6.2.2
Relationship between the display data and LCD drive output Pins
(Segment Mode)
(a)
4-bit Parallel Input Mode
NUMBER OF CLOCKS
MD
L/R
EIO1
EIO2
DATA
INPUT
40
CLOCK
39
CLOCK
38
CLOCK
… 3 CLOCK 2 CLOCK 1 CLOCK
DI0
Y1
Y5
Y9
Y149
Y153
Y157
Dl1
Y2
Y6
Y10
Y150
Y154
Y158
DI2
Y3
Y7
Y11
Y151
Y155
Y159
L
L
Output Input
DI3
Y4
Y8
Y12
Y152
Y156
Y160
DI0
Y160
Y156
Y152
Y12
Y8
Y4
Dl1
Y159
Y155
Y151
Y11
Y7
Y3
DI2
Y158
Y154
Y150
Y10
Y6
Y2
L
H
Input
Output
DI3
Y157
Y153
Y149
Y9
Y5
Y1
(b)
8-bit Parallel Input Mode
NUMBER OF CLOCKS
MD
L/R
EIO1
EIO2
DATA
INPUT
20
CLOCK
19
CLOCK
18
CLOCK
… 3 CLOCK 2 CLOCK 1 CLOCK
DI0
Y1
Y9
Y17
Y137
Y145
Y153
Dl1
Y2
Y10
Y18
Y138
Y146
Y154
DI2
Y3
Y11
Y19
Y139
Y147
Y155
DI3
Y4
Y12
Y20
Y140
Y148
Y156
DI4
Y5
Y13
Y21
Y141
Y149
Y157
DI5
Y6
Y14
Y22
Y142
Y150
Y158
DI6
Y7
Y15
Y23
Y143
Y151
Y159
H
L
Output Input
DI7
Y8
Y16
Y24
Y144
Y152
Y160
DI0
Y160
Y152
Y144
Y24
Y16
Y8
Dl1
Y159
Y151
Y143
Y23
Y15
Y7
DI2
Y158
Y150
Y142
Y22
Y14
Y6
DI3
Y157
Y149
Y141
Y21
Y13
Y5
DI4
Y156
Y148
Y140
Y20
Y12
Y4
Dl5
Y155
Y147
Y139
Y19
Y11
Y3
DI6
Y154
Y146
Y138
Y18
Y10
Y2
H
H
Input
Output
DI7
Y153
Y145
Y137
Y17
Y9
Y1
(Common Mode)
MD
L/R
DATA TRANSFER DIRECTION
EIO1
EIO2
DI7
L
Y160 → Y1
Output
Input
X
L
(Single)
H
Y1 → Y160
Input
Output
X
Y160 → Y81
L
Y80 → Y1
Output
Input
Input
Y1 → Y80
H
(Dual)
H
Y81 → Y160
Input
Output
Input
NOTES:
L : LGND (0 V), H : VDD (+2.5 to +5.5 V), X : Don't care
"Don't care" should be fixed to "H" or "L", avoiding floating.


Numéro de pièce similaire - ST8016S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
More results

Description similaire - ST8016S

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST8024 SITRONIX-ST8024 Datasheet
411Kb / 28P
   COM/SEG LCD Driver
ST8024T SITRONIX-ST8024T Datasheet
653Kb / 28P
   COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
ST8024S SITRONIX-ST8024S Datasheet
466Kb / 27P
   COM/SEG LCD Driver
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
   80 COM/SEG LCD DRIVER
logo
List of Unclassifed Man...
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
   40-CHANNEL SEG/COM LCD DRIVER
logo
Finechips
FD1000A FINECHIPS-FD1000A Datasheet
374Kb / 20P
   3-COM 52-SEG, 4-COM 51-SEG LCD Display Driver
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EPL43102 EMC-EPL43102 Datasheet
526Kb / 64P
   43 Com / 102 Seg LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com