Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8016S Fiches technique(PDF) 8 Page - Sitronix Technology Co., Ltd.

No de pièce ST8016S
Description  COM/SEG LCD Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016S Fiches technique(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST8016S Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ST8016S
Preliminary
Ver 0.24
Page 8/26
2009/10/01
MD
Mode selection pin
When set to LGND level "L", single mode operation is selected; when set to VDD level
"H" dual mode operation is selected.
Refer to section 6.2.2.
DI7
Dual mode data input pin
According to the data shift direction of the data shift register, data can be input starting
from the 81st bit.
When the chip is used in dual mode, DI7 will be pulled down.
When the chip is used in single mode, DI7 won't be pulled down(Connect to LGND or
VDD, avoiding floating.).
Refer to section 6.2.2.
S/C
Segment mode/common mode selection pin
When set to LGND level "L", common mode is set.
DI6-DI0
Not used
Connect DI6-DI0 to LGND or VDD, avoiding floating.
XCK
Not used
XCK is pulled down in common mode, so connect to LGND or open.
Y1 -Y160
LCD drive output pins
Corresponding directly to each bit of the shift register, one level (V0, V12, V43, or VSS) is
selected and output.
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.
6.2
Functional Operations
6.2.1
Truth table
(Segment Mode)
FR
LATCH DATA
/DISPOFF
LCD DRIVE OUTPUT VOLTAGE LEVEL (Y1-Y160)
L
L
H
V43
L
H
H
VSS
H
L
H
V12
H
H
H
V0
X
X
L
VSS
(Common Mode)
FR
LATCH DATA
/DISPOFF
LCD DRIVE OUTPUT VOLTAGE LEVEL (Y1-Y160)
L
L
H
V43
L
H
H
V0
H
L
H
V12
H
H
H
VSS
X
X
L
VSS
NOTES:
VSS < V43 < V12 < V0
L : LGND (0 V), H : VDD (+2.5 to +5.5 V), X : Don't care
"Don't care" should be fixed to "H" or "L", avoiding floating.
There are two kinds of power supply (logic level voltage and LCD drive voltage) for the LCD driver.
Supply regular voltage that is assigned by specification for each power pin.


Numéro de pièce similaire - ST8016S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
More results

Description similaire - ST8016S

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST8024 SITRONIX-ST8024 Datasheet
411Kb / 28P
   COM/SEG LCD Driver
ST8024T SITRONIX-ST8024T Datasheet
653Kb / 28P
   COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
ST8024S SITRONIX-ST8024S Datasheet
466Kb / 27P
   COM/SEG LCD Driver
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
   80 COM/SEG LCD DRIVER
logo
List of Unclassifed Man...
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
   40-CHANNEL SEG/COM LCD DRIVER
logo
Finechips
FD1000A FINECHIPS-FD1000A Datasheet
374Kb / 20P
   3-COM 52-SEG, 4-COM 51-SEG LCD Display Driver
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EPL43102 EMC-EPL43102 Datasheet
526Kb / 64P
   43 Com / 102 Seg LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com