Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8016S Fiches technique(PDF) 7 Page - Sitronix Technology Co., Ltd.

No de pièce ST8016S
Description  COM/SEG LCD Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016S Fiches technique(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST8016S Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ST8016S
Preliminary
Ver 0.24
Page 7/26
2009/10/01
When L/R input is at VDD level "H", ElO1 is set for input, and EIO2 is set for output.
During output, set to "H" while LP • XCK is "H" and after 160 bits of data have been
read, set
to "L” for one cycle (from falling edge to failing edge of XCK), after which it returns to
"H".
During input, the chip is selected while El is set to "L" after the LP signal is input. The
chip is non-selected after 160 bits of data have been read.
Y1 -Y160
LCD drive output pins
Corresponding directly to each bit of the data latch, one level (V0, V12 or V43) is
selected and output.
Table of truth values is shown in "TRUTH TABLE" in Functional Operations.
(Common mode)
SYMBOL
FUNCTION
VDD
Logic system power supply pin
Connected to +2.5 to +5.5 V.
GND
Ground pin
LGND
Logic system power ground pin
Do not short LGND with GND and Vss by ITO on LCD panel
Connect it to GND on PCB or FPC.
VSS
Connect to GND by ITO on LCD panel.
V0L, V0R
V12L, V12R
V43L, V43R
Bias power supply pins for LCD drive voltage
Normally use the bias voltages set by a resistor divider.
Ensure that voltages are set such that VSS < V43 < V12 < V0.
ViL and ViR (i = 0,12, 43) must connect to an external power supply, and supply regular
voltage that is assigned by specification for each power pin.
ElO1
Shift data input/output pin for bi-directional shift register
Output pin when L/R is at LGND level "L', input pin when L/R is at VDD level "H".
When L/R = H, ElO1 is used as input pin, it will be pulled down.
When L/R = L, ElO1 is used as output pin, it won't be pulled down.
Refer to section 6.2.2.
EIO2
Shift data input/output pin for bi-directional shift register
Input pin when L/R is at LGND level "L", output pin when L/R is at VDD level "H".
When L/R = L, EIO2 is used as input pin, it will be pulled down.
When L/R = H, EIO2 is used as output pin, it won't be pulled down.
Refer to section 6.2.2.
LP
Shift clock pulse input pin for bi-directional shift register
* Data is shifted at the falling edge of the clock pulse.
L/R
Input pin for selecting the shift direction of bi-directional shift register
Data is shifted from Y160 to Y1 when set to LGND level "L", and data is shifted from Y1 to
Y160 when set to VDD level "H".
Refer to section 6.2.2.
/DISPOFF
Control input pin for output of non-select level
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and
controls the LCD drive circuit.
When set to LGND level "L", the LCD drive output pins (Y1-Y160) are set to level Vss.
When set to "L”, the contents of the shift register are reset to not reading data. When
the /DISPOFF function is canceled, the driver outputs non-select level (V12 or V43), and
the shift data is read at the next falling edge of the LP. At that time, if /DISPOFF
removal time does not correspond to what is shown in AC characteristics, the shift data
is not read correctly.
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.
FR
AC signal input pin for LCD drive waveform
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and
controls the LCD drive circuit.
Normally it inputs a frame inversion signal.
The LCD drive output pins' output voltage levels can be set using the shift register
output signal and the FR signal.
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.


Numéro de pièce similaire - ST8016S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
More results

Description similaire - ST8016S

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST8024 SITRONIX-ST8024 Datasheet
411Kb / 28P
   COM/SEG LCD Driver
ST8024T SITRONIX-ST8024T Datasheet
653Kb / 28P
   COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
ST8024S SITRONIX-ST8024S Datasheet
466Kb / 27P
   COM/SEG LCD Driver
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
   80 COM/SEG LCD DRIVER
logo
List of Unclassifed Man...
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
   40-CHANNEL SEG/COM LCD DRIVER
logo
Finechips
FD1000A FINECHIPS-FD1000A Datasheet
374Kb / 20P
   3-COM 52-SEG, 4-COM 51-SEG LCD Display Driver
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EPL43102 EMC-EPL43102 Datasheet
526Kb / 64P
   43 Com / 102 Seg LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com