Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8016 Fiches technique(PDF) 10 Page - Sitronix Technology Co., Ltd.

No de pièce ST8016
Description  160 Output LCD Common/ Segment Driver IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016 Fiches technique(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST8016 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ST8016
Ver 2.0
Page 10/28
2008/05/07
8.2.2 Relationship between the Display Data and LCD Drive Output Pins
(Segment Mode)
(a) 4-bit Parallel Input Mode
NUMBER OF CLOCKS
MD L/R EIO1
EIO2
DATA
INPUT 40 CLOCK 39 CLOCK 38 CLOCK …
3 CLOCK 2 CLOCK 1 CLOCK
DI0
Y1
Y5
Y9
Y149
Y153
Y157
Dl1
Y2
Y6
Y10
Y150
Y154
Y158
DI2
Y3
Y7
Y11
Y151
Y155
Y159
L
L Output Input
DI3
Y4
Y8
Y12
Y152
Y156
Y160
DI0
Y160
Y156
Y152
Y12
Y8
Y4
Dl1
Y159
Y155
Y151
Y11
Y7
Y3
DI2
Y158
Y154
Y150
Y10
Y6
Y2
L
H
Input Output
DI3
Y157
Y153
Y149
Y9
Y5
Y1
(b) 8-bit Parallel Input Mode
NUMBER OF CLOCKS
MD L/R EIO1
EIO2
DATA
INPUT 20 CLOCK 19 CLOCK 18 CLOCK …
3 CLOCK 2 CLOCK 1 CLOCK
DI0
Y1
Y9
Y17
Y137
Y145
Y153
Dl1
Y2
Y10
Y18
Y138
Y146
Y154
DI2
Y3
Y11
Y19
Y139
Y147
Y155
DI3
Y4
Y12
Y20
Y140
Y148
Y156
DI4
Y5
Y13
Y21
Y141
Y149
Y157
DI5
Y6
Y14
Y22
Y142
Y150
Y158
DI6
Y7
Y15
Y23
Y143
Y151
Y159
H
L
Output Input
DI7
Y8
Y16
Y24
Y144
Y152
Y160
DI0
Y160
Y152
Y144
Y24
Y16
Y8
Dl1
Y159
Y151
Y143
Y23
Y15
Y7
DI2
Y158
Y150
Y142
Y22
Y14
Y6
DI3
Y157
Y149
Y141
Y21
Y13
Y5
DI4
Y156
Y148
Y140
Y20
Y12
Y4
Dl5
Y155
Y147
Y139
Y19
Y11
Y3
DI6
Y154
Y146
Y138
Y18
Y10
Y2
H
H
Input Output
DI7
Y153
Y145
Y137
Y17
Y9
Y1
(Common Mode)
MD
L/R
DATA TRANSFER DIRECTION
EIO1
EIO2
DI7
L
Y160
Y1
Output
Input
X
L
(Single)
H
Y1
Y160
Input
Output
X
Y160
Y81
L
Y80
Y1
Output
Input
Input
Y1
Y80
H
(Dual)
H
Y81
Y160
Input
Output
Input
NOTES:
Ÿ
L : VSS (0 V), H : VDD (+2.5 to +5.5 V), X : Don't care
Ÿ
"Don't care" should be fixed to "H" or "L", avoiding floating.


Numéro de pièce similaire - ST8016

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
   COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
More results

Description similaire - ST8016

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Memory Technolog...
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
NT7701 ETC-NT7701 Datasheet
466Kb / 37P
   160 Output LCD Segment/Common Driver
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
   160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
   96 Output LCD Common/ Segment Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com