Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8011 Fiches technique(PDF) 10 Page - Sitronix Technology Co., Ltd.

No de pièce ST8011
Description  120 Output LCD Segment driver IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8011 Fiches technique(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST8011 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ST8011
V1.3
10/20
2004/09/08
u
RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT PINS
(A) 4-bit Parallel Input Mode
NUMBER OF CLOCKS
L/R
EIO1
EIO2
DATA
INPUT 30 CLOCK 29 CLOCK 28 CLOCK … 3 CLOCK 2 CLOCK 1 CLOCK
DI0
SEG0
SEG4
SEG8
SEG108
SEG112
SEG116
Dl1
SEG1
SEG5
SEG9
SEG109
SEG113
SEG117
DI2
SEG2
SEG6
SEG10
SEG110
SEG114
SEG118
L
Output Input
DI3
SEG3
SEG7
SEG11
SEG111
SEG115
SEG119
DI0
SEG119
SEG115
SEG111
SEG11
SEG7
SEG3
Dl1
SEG118
SEG114
SEG110
SEG10
SEG6
SEG2
DI2
SEG117
SEG113
SEG109
SEG9
SEG5
SEG1
H
Input Output
DI3
SEG116
SEG112
SEG108
SEG8
SEG4
SEG0
(B) Serial Input Mode
NUMBER OF CLOCKS
L/R EIO1
EIO2
DATA
INPUT 120 CLOCK 119 CLOCK 118 CLOCK …
3 CLOCK
2 CLOCK
1 CLOCK
DI0
SEG0
SEG1
SEG2
SEG117
SEG118
SEG119
Dl1
X
X
X
X
X
X
X
DI2
X
X
X
X
X
X
X
L Output Input
DI3
X
X
X
X
X
X
X
DI0
SEG119
SEG118
SEG117
SEG2
SEG1
SEG0
Dl1
X
X
X
X
X
X
X
DI2
X
X
X
X
X
X
X
H
Input Output
DI3
X
X
X
X
X
X
X
NOTES:
Ÿ
L : VSS (0 V), H : VDD (+2.5 to +5.5 V), X : Don't care
"Don't care" should be fixed to "H" or "L", avoiding floating.


Numéro de pièce similaire - ST8011

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
   COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
More results

Description similaire - ST8011

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
ST8008 SITRONIX-ST8008 Datasheet
376Kb / 21P
   80 Output LCD Segment Driver IC
logo
Sharp Corporation
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
   96 Output LCD Common/ Segment Driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com