Moteur de recherche de fiches techniques de composants électroniques |
|
ST8011 Fiches technique(PDF) 9 Page - Sitronix Technology Co., Ltd. |
|
ST8011 Fiches technique(HTML) 9 Page - Sitronix Technology Co., Ltd. |
9 / 20 page ST8011 V1.3 9/20 2004/09/08 When P/S is “L” the serial data input mode, L/R Input pin for selecting the reading direction of display data. Default value is LOW Ÿ When set to VSS level "L", data is read sequentially from SEG119 to SEG0. Ÿ When set to VDD level "H", data is read sequentially from SEG0 to SEG119. Ÿ Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT PINS" in Functional Operations. ElO1, EIO2 Input/output pins for chip selection. AT segment mode: Ÿ When L/R input is at VSS level "L", ElO1 is set for output, and EIO2 is set for input(connect to Vss). Ÿ When L/R input is at VDD level "H", ElO1 is set for input(connect to Vss), and EIO2 is set for output. Ÿ During output, set to "H" while LP •XCK is "H" and after 120 bits of data have been read, set to "L” for one cycle (from falling edge to failing edge of XCK), after which it returns to "H". During input, the chip is selected while El is set to "L" after the LP signal is input. The chip is non-selected after 120 bits of data have been read. SEG0–SEG119 LCD drive output pins Ÿ Corresponding directly to each bit of the data latch, one level (V0, V2, V3, and Vss) is selected and output. Ÿ Table of truth values is shown in "TRUTH TABLE" in Functional Operations. u Functional Operations FR LATCH DATA /DISPOFF LCD DRIVE OUTPUT VOLTAGE LEVEL (SEG0-SEG119) L L H V3 L H H Vss H L H V2 H H H V0 X X L Vss TRUTH TABLE NOTES: Ÿ L : VSS (0 V), H : VDD (+2.5 to +5.5 V), Ÿ "Don't care" should be fixed to "H" or "L", avoiding floating. There are two kinds of power supply (logic level voltage and LCD drive voltage) for the LCD driver. Supply regular voltage that is assigned by specification for each power pin. |
Numéro de pièce similaire - ST8011 |
|
Description similaire - ST8011 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |