Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8011 Fiches technique(PDF) 6 Page - Sitronix Technology Co., Ltd.

No de pièce ST8011
Description  120 Output LCD Segment driver IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8011 Fiches technique(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST8011 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8011 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ST8011
V1.3
6/20
2004/09/08
PIN DESCRIPTION
SYMBOL
I/O
DESCRIPTION
No of Num
SEG0-SEG119
O LCD drive output
120
V0,V2,V3
P Power supply for LCD drive
3
XDISPOFF
I
Control input for output of non-select level
1
VDD
P Power supply for logic system (+2.5 to +5.5 V)
1
EIO2, EIO1
I/O
Input/output for chip selection at segment mode and FLM input
output function at com/seg mix mode or common mode
2
DI0-DI3
I
Display data input at segment mode
4
XCK
I
Clock input for taking display data at segment mode
1
L/R
I
Display data shift direction selection
LP
I
Latch pulse input for display data at segment mode/
Shift clock input for shift register at common mode
1
FR
I
AC-converting signal input for LCD drive waveform
1
P/S
I
This is the parallel data input/serial data input switch terminal.
P/S=”H”: Parallel data input.
P/S=”L”: Serial data input.
1
VSS
P Ground (0 V)
1
n
BLOCK DIAGRAM


Numéro de pièce similaire - ST8011

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016S SITRONIX-ST8016S Datasheet
413Kb / 26P
   COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
More results

Description similaire - ST8011

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
ST8008 SITRONIX-ST8008 Datasheet
376Kb / 21P
   80 Output LCD Segment Driver IC
logo
Sharp Corporation
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
   96 Output LCD Common/ Segment Driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com