Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8009 Fiches technique(PDF) 1 Page - Sitronix Technology Co., Ltd.

No de pièce ST8009
Description  96 Output LCD Common/ Segment Driver IC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8009 Fiches technique(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST8009 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
ST
ST8009
96 Output LCD Common/ Segment Driver IC
Notice:
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.
This is not a final
specification. Some parameters are subject to change.
V1.1
1
2006/11/1
1. DESCRIPTION
The ST8009 is a 96-output segment/common driver IC
suitable for driving small/medium scale dot matrix LCD
panels, and is used in PDA or electronic dictionary.
The ST8009 is good as a segment driver, a common
driver or a common/segment driver, and it can create
low power consumption, high-resolution LCD. The
ST8009 have eight modes can selected to set
common and segment numbers by selecting register.
The ST8009 also have analog DC/DC converter to
use.
2. FEATURES
Number of LCD drive outputs: 96
Supply voltage for LCD drive (VOUT): Max +16V
Supply voltage for logic system (VDD): +2.5 ~ +5.5V
Low power consumption and low output impedance
Display duty selectable by internal select register
DU2,DU1,DU0
DUTY
0
0
0
---
0
0
1
1/16
0
1
0
1/32
0
1
1
1/48
1
0
0
1/64
1
0
1
1/80
1
1
0
1/96
1
1
1
1/96
Abundant command functions
LCD bias set, electronic volume, VSS voltage
regulation internal resistor ratio and booster
frequency.
All Functions have initial value, user can set by
programmed.
Low-power liquid crystal display power supply circuit
equipped internally.
Booster circuit (with Boost ratio of 2X/3X/4X/5X/6X)
Regulator circuit
Follower circuit
Package: 124-pin COB.
(Segment mode)
Shift clock frequency
- 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
- 15 MHz (MAX.): VDD = +3.0 to + 4.5 V
- 12 MHz (MAX.): VDD = +2.5 to + 3.0 V
Adopts a data bus system
4-bit parallel / serial input modes are selectable by
programmable.
Automatic transfer function of an enable signal
Automatic counting function which, in the chip
selection mode, causes the internal clock to be
stopped by automatically counting 16、32、48、64、
80、96 bits of input data
Line latch circuits are reset when XDISPOFF active
(Common mode)
Shift clock frequency: 4 MHz (MAX.)
Built-in X-bit shift register
Available in a single mode
CS0
CSX Single mode
CSX
CS0 Single mode
PS:X=15、31、47、63、79、95
The above 4 shift directions are register selectable
Shift register circuits are reset when XDISPOFF
active


Numéro de pièce similaire - ST8009

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CD STMICROELECTRONICS-ST8004CD Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
845Kb / 26P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
   Smartcard interface
More results

Description similaire - ST8009

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
logo
List of Unclassifed Man...
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
   160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
   240 Output LCD Segment/Common Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com