Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8009 Fiches technique(PDF) 9 Page - Sitronix Technology Co., Ltd.

No de pièce ST8009
Description  96 Output LCD Common/ Segment Driver IC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8009 Fiches technique(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST8009 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
ST8009
V1.1
9/43
2006/11/1
EIO1, EIO2
Input/output pins for chip selection.
When L/R register is set ‘0’ , EIO1 is set for output, and EIO2 is set for input(connect to VSS).
When L/R register is set ‘1’, EIO1 is set for input(connect to VSS), and EIO2 is set for output.
During output, set to "H" while LP • XCK is "H" and after 96 bits of data have been read, set
to "L” for one cycle (from falling edge to failing edge of XCK), after which it returns to "H".
During input, the chip is selected while El is set to "L" after the LP signal is input. The chip is
non-selected after 96 bits of data have been read.
CS0~CS95
LCD drive output pins
Corresponding directly to each bit of the data latch, one level (V0, V2 ,V3, VSS) is selected and
output.
Table of truth values is shown in "TRUTH TABLE" in Functional Operations.
CAP1-
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP2- terminal.
CAP1+
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP1- terminal.
CAP2-
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP2- terminal.
CAP2+
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP2- terminal.
CAP3+
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP1- terminal.
CAP4+
DC/DC voltage converter. Connect a capacitor between this terminal and the CAP2- terminal.
VOUT
DC/DC voltage converter. Connect a capacitor between this terminal and VSS.
SID
The serial command data. See Figure1
SCLK
The serial clock input. See Figure1
(Common mode)
SYMBOL
FUNCTION
VDD
Logic system power supply pin, connected to +2.5 to +5.5 V.
VSS
Ground pin, connected to 0 V.
V0, V1
V2, V3
V4
When the internal power supply circuit turns on
The internal power supply circuit will produce the LCD bias voltage set( V0 ~ V4 ), and those
voltages are setting by the “LCD Bias Set” register.
When the internal power supply circuit turns off
Supply the bias voltages set by a resistor divider externally , and had better use follower circuit to
hold those voltages.
Ensure that voltages are set such that V0 ≧V1 ≧V2 ≧V3 ≧V4 ≧VSS
DI3-DI0
Not used. Connect DI3-DI0 to VSS, not floating.
LP2
Shift clock pulse input pin for bi-directional shift register
* Data is shifted at the falling edge of the clock pulse.
When use gray scale mode, then must use the pin.
When use monochrome mode, then the pin should be shorted to LP1.
XCK
Not used
Not let it floating , connect to VSS


Numéro de pièce similaire - ST8009

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CD STMICROELECTRONICS-ST8004CD Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
845Kb / 26P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
   Smartcard interface
More results

Description similaire - ST8009

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
logo
List of Unclassifed Man...
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
   160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
   240 Output LCD Segment/Common Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com