Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8008 Fiches technique(PDF) 1 Page - Sitronix Technology Co., Ltd.

No de pièce ST8008
Description  80 Output LCD Segment Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8008 Fiches technique(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST8008 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ST
ST8008
PRELIMINARY
80 Output LCD Segment Driver IC
Notice:
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.
This is not a final
specification. Some parameters are subject to change.
V0.3
1/ 21
2004/04/05
DESCRIPTION
The ST8008 is a 80-output segment driver IC suitable for driving small/medium scale dot matrix LCD panels, and is
used in PDA or electronic dictionary. The ST8008 is good as a segment driver, and it can create a low power
consuming, high-resolution LCD.
FEATURES
Number of LCD drive outputs: 80
Supply voltage for LCD drive: Max +16V
Supply voltage for the logic system: +2.5 to +5.5 V
Low power consumption
Package: 96-pin COB.
(Segment mode)
Shift clock frequency
- 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
- 15 MHz (MAX.): VDD = +3.0 to + 4.5 V
- 12 MHz (MAX.): VDD = +2.5 to + 3.0 V
Adopts a data bus system
4-bit parallel / serial input modes are selectable with a mode (P/S) pin
Automatic transfer function of an enable signal
Automatic counting function which, in the chip selection mode, causes the internal clock to be stopped by
automatically counting 80 bits of input data
Line latch circuits are reset when XDISPOFF active


Numéro de pièce similaire - ST8008

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CD STMICROELECTRONICS-ST8004CD Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
845Kb / 26P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
   Smartcard interface
More results

Description similaire - ST8008

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1514 SHARP-LH1514 Datasheet
987Kb / 20P
   80 OUTPUT LCD SEGMENT DRIVER
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
Sitronix Technology Co....
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
   120 Output LCD Segment driver IC
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
   96 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com