Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8008 Fiches technique(PDF) 9 Page - Sitronix Technology Co., Ltd.

No de pièce ST8008
Description  80 Output LCD Segment Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8008 Fiches technique(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST8008 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8008 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ST8008
V0.3
9/21
2004/04/05
When P/S is “L” the serial data input mode,
L/R
Input pin for selecting the reading direction of display data. Default value is LOW
When set to VSS level "L", data is read sequentially from SEG79 to SEG0.
When set to VDD level "H", data is read sequentially from SEG0 to SEG79.
Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT
PINS" in Functional Operations.
ElO1, EIO2
Input/output pins for chip selection.
AT segment mode:
When L/R input is at VSS level "L", ElO1 is set for output, and EIO2 is set for input(connect to Vss).
When L/R input is at VDD level "H", ElO1 is set for input(connect to Vss), and EIO2 is set for
output.
During output, set to "H" while LP • XCK is "H" and after 80 bits of data have been read, set
to "L” for one cycle (from falling edge to failing edge of XCK), after which it returns to "H".
During input, the chip is selected while El is set to "L" after the LP signal is input. The chip is
non-selected after 80 bits of data have been read.
SEG0–SEG79
LCD drive output pins
Corresponding directly to each bit of the data latch, one level (V0, V2, V3, and Vss) is selected and
output.
Table of truth values is shown in "TRUTH TABLE" in Functional Operations.
Functional Operations
FR
LATCH DATA
/DISPOFF
LCD DRIVE OUTPUT VOLTAGE LEVEL
(SEG0-SEG79)
L
L
H
V3
L
H
H
Vss
H
L
H
V2
H
H
H
V0
X
X
L
Vss
TRUTH TABLE
NOTES:
L : VSS (0 V), H : VDD (+2.5 to +5.5 V),
"Don't care" should be fixed to "H" or "L", avoiding floating.
There are two kinds of power supply (logic level voltage and LCD drive voltage) for the LCD driver.
Supply regular voltage that is assigned by specification for each power pin.


Numéro de pièce similaire - ST8008

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CD STMICROELECTRONICS-ST8004CD Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8004CDR STMICROELECTRONICS-ST8004CDR Datasheet
845Kb / 26P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
   Smartcard interface
More results

Description similaire - ST8008

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1514 SHARP-LH1514 Datasheet
987Kb / 20P
   80 OUTPUT LCD SEGMENT DRIVER
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
Sitronix Technology Co....
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
   120 Output LCD Segment driver IC
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8009 SITRONIX-ST8009 Datasheet
657Kb / 43P
   96 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com