Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7689 Fiches technique(PDF) 7 Page - Sitronix Technology Co., Ltd.

No de pièce ST7689
Description  128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7689 Fiches technique(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST7689 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7689 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 195 page
background image
ST7689
Version 1.0
Page 7 of 195
2009/10
LIST OF TABLES
Table 1 Parallel / Serial Interface Mode................................................................................................................29
Table 2 Parallel Data Transfer ..............................................................................................................................29


Numéro de pièce similaire - ST7689

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST7687A SITRONIX-ST7687A Datasheet
2Mb / 191P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7687S SITRONIX-ST7687S Datasheet
2Mb / 195P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
More results

Description similaire - ST7689

FabricantNo de pièceFiches techniqueDescription
logo
Sitronix Technology Co....
ST7687S SITRONIX-ST7687S Datasheet
2Mb / 195P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7687A SITRONIX-ST7687A Datasheet
2Mb / 191P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7796S SITRONIX-ST7796S Datasheet
3Mb / 279P
   320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version V1.0 2014/11
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com