Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2205U Fiches technique(PDF) 10 Page - Sitronix Technology Co., Ltd.

No de pièce ST2205U
Description  8 BIT Integrated Microcontroller with 32K Bytes RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2205U Fiches technique(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST2205U Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ST2205U
Version 1.0
9/32
6/13/2007
7
7.. G
GP
PIIO
O
The ST2205U consists of 48 general-purpose I/O (GPIO) which
are divided into six I/O ports: Port-A/B/C/D/E and Port-L.
Each single pin can be programmed to be input or output. This
is controlled by port direction control registers PCx. Setting bit
of PCx makes respective pin to output, and clearing this bit for
input. There are two options: pull-up/down for inputs of Port-C
but only pull-up for inputs of the other ports. In case of output,
there are open-drain/CMOS options for outputs of PortC but
only CMOS for the other ports. Refer to TABLE 7-1.
TABLE 7-1 I/O Types Of GPIO Ports
I/O Types
I/O Mode
Port-A/B/D/E/L
Port-C
Input
Pull-up/Pure
Pull-up/Pull-down/Pure
Output
CMOS
Open-drain/CMOS
Input Mode
In case of input function, port data registers Px reflect the
values on associated pins. Besides read instruction for data of
signals input, writing to register Px selects I/O types of pins,
pull-up or pull-down. Setting bits of all port data register Px to
select pull-up type. Clearing bits of only PC to select pull-down
type for pins of Port-C. There are no pull-down resistors for
Port-A/B/D/E and Port-L, thereby no pull-down resistors will be
enabled if clearing bits of PA, PB, PD, PE and PL. Pull-up
resistors of Port-A/B/D/E/L are also controlled by PULL bit (bit7
of port miscellaneous register PMCR), “0” is to disable, while
“1” is to enable them. The pull-up/pull-down resistors of Port-C
are further controlled by bits of port type select registers PSC.
They work in the same way with PULL bit of PMCR but only on
single pin, “0” is to disable, while “1” is to enable.
VCC
PORT
DATA
REGISTER
( PDR )
PULL-UP
PMOS
PULL-UP
RD_INPUT
DATA INPUT
PORT
CONTROL
REGISTER
( PCR )
FIGURE 7-1 Configuration Of Port-A/B/D/E/L
Output Mode
In case of output function, Write to port data registers Px
makes pins to output desired value. This value can also be
read back by read instruction. Besides Port-C, the output pins
are CMOS type. Port-C have two options of output types:
open-drain and CMOS, and is controlled by port type select
registers PSC. Clearing bits of registers PSC is for that disable
PMOS of output stage and left only NMOS, while setting bits is
for CMOS.
Port-A is designed for keyboard scan with de-bounce and
transition triggered interrupt, while Port-C/D/E are multiplexed
with other system functions, and are controlled by PFC, PFD,
and PMCR[2:0]. Port-L is shared with LCD specific signals of
LCDC. Turning off LCDC by setting LPWR (LCTR[7]) reserves
Port-L for GPIO.
Selecting respective pins to be GPIO or signals of system
function will not affect original settings of I/O directions and
types. This entends the flexibility of the usage of function
signals.
Note: All the properties of pins are still programmable
and must be ascertained before they are
assigned to system functions, especially the
direction of pins.
FIGURE 7-2 Configuration Of Port-C


Numéro de pièce similaire - ST2205U

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST220-100T4MI VISHAY-ST220-100T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2MI VISHAY-ST220-50T2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST2200-25T4MI VISHAY-ST2200-25T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Goodwork Semiconductor ...
ST2200L GWSEMI-ST2200L Datasheet
48Kb / 2P
   2.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
More results

Description similaire - ST2205U

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
AT87F51RC ATMEL-AT87F51RC Datasheet
357Kb / 25P
   8-bit Microcontroller with 32K Bytes QuickFlash
AT89C51RC ATMEL-AT89C51RC_08 Datasheet
540Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2 ATMEL-T89C51RB2_06 Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RB2 ATMEL-AT89C51RB2_06 Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com