Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1208 Fiches technique(PDF) 11 Page - Sitronix Technology Co., Ltd.

No de pièce ST1208
Description  3-Channel White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST1208 Fiches technique(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST1208 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 12Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ST1208
V1.1
11/12
2004/10/27
! Package Information……………………………………. ( Continued )
QFN-16
°
°
°
DIM.
MIN.
NOM.
MAX.
NOTES
1. DIE THICKNESS ALLOWABLE IS 0.305mm MAXIMUM ( .012 INCHES
MAXIMUM ).
2. DIMENSION APPLIES TO PLATED TERMINAL AND IS MEASURED
BETWEEN 0.2 AND 0.25 mm FROM TERMINAL TIP.
3. THE PIN #1 IDENTIFIER MUST BE EXISTED ON THE TOP SURFACE OF
THE PACKAGE BY USING INDENTATION MARK OR OTHER FEATURE
OF PACKAGE BODY.
4. EXACT SHAPE AND SIZE OF THIS FEATURE IS OPTIONAL.
5.
APPLIED
FOR
EXPOSED
PAD
AND
TERMINALS.
EXCLUDE
EMBEDDING PART OF EXPOSED PAD FROM MEASURING.
6. APPLIED ONLY THE TERMINALS.
7. EXACT SHAPE OF EACH CORNER IS OPTIONAL
UNIT
DIMENSION AND
TOLERANCES
REFERENCE DOCUMENT
A
A1
A2
A3
b
c
D
D1
E
E1
e
J
K
L
R
0.8
0
0.65
0.25
0.24
2.37
2.37
0.3
0.685
0.02
0.203 REF
0.3
0.42
4 BSC
3.75 BSC
4 BSC
3.75 BSC
0.65 BSC
2.47
2.47
0.4
0.785
0.9
0.05
0.69
0.35
0.6
2.57
2.57
0.5
0.885
MM
ASME Y14.5M
98A0016PN004


Numéro de pièce similaire - ST1208

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST120-100L2MI VISHAY-ST120-100L2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-25T1MI VISHAY-ST120-25T1MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST1200 STMICROELECTRONICS-ST1200 Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
ST1200 STMICROELECTRONICS-ST1200 Datasheet
24Kb / 2P
   Memory Card IC 256 bit OTP EPROM with Lock-Out
logo
Vishay Siliconix
ST1200-25T3MI VISHAY-ST1200-25T3MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Description similaire - ST1208

FabricantNo de pièceFiches techniqueDescription
logo
SG Micro Corp
SGM3128 SGMICRO-SGM3128 Datasheet
288Kb / 10P
   3-Channel LowDropout Low Side White LED Driver
logo
Rohm
BD6586MUV ROHM-BD6586MUV_12 Datasheet
626Kb / 24P
   4-Channel White LED Driver
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
   8-Channel White LED Driver
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
logo
Texas Instruments
TLED2043 TI1-TLED2043 Datasheet
209Kb / 15P
[Old version datasheet]   4-CHANNEL WHITE LED DRIVER
logo
Rohm
BD65D00MUV ROHM-BD65D00MUV Datasheet
985Kb / 40P
   4-Channel White LED Driver
logo
Skyworks Solutions Inc.
AAT2400 SKYWORKS-AAT2400 Datasheet
2Mb / 32P
   Sixteen-Channel White LED Driver Solution
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
   WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
   WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com