Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1208 Fiches technique(PDF) 3 Page - Sitronix Technology Co., Ltd.

No de pièce ST1208
Description  3-Channel White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST1208 Fiches technique(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST1208 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST1208 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ST1208
V1.1
3/12
2004/10/27
! Pin Description
Name
Function
GND
Ground
IN
Supply voltage input pin (2.7 ~ 5.0 V). Bypass IN to GND with a ceramic
capacitor.
OUT
Charge pump output pin. Bypass to GND with a ceramic capacitor. Connect to
the anodes of all the LEDs. OUT is high impedance during shutdown.
SET
Variable output current pin by changing the resistant value. Connect a resistor
from SET to GND to set the LED bias current. ISET = 0.6V / RSET
EN1
EN2
Enable, Dimming Control Input. EN1 and EN2 control shutdown and the LED
current. See the Applications Information section for brightness control.
LED1
LED cathode connection and charge-pump feedback. The charge pump
regulates to the lowest voltage on the LED1. Therefore, LED1 must be used at
least.
LED2
LED3
LED cathode connection. Connect LEDx to the cathode of one output LED. Let
the LEDx floating if this LED is not populated.
C1P
Charge Pump Capacitor 1 positive connection.
C1N
Charge Pump Capacitor 1 negative connection.
C2P
Charge Pump Capacitor 2 positive connection.
C2N
Charge Pump Capacitor 2 negative connection.
! Pin Assignment
Pin ( Pad ) Name
Pin ( Pad )
Number
TSSOP-16
QFN-16
Bare Chip
1
LED1
C2N
LED1
2
LED2
VDD
LED2
3
LED3
VDD
LED3
4
GND
EN1
GND
5
GND
EN2
GND
6
C1P
SET
C1P
7
C2P
NC
C2P
8
C1N
LED1
C1N
9
VOUT
LED2
VOUT
10
C2N
LED3
C2N
11
IN
GND
IN
12
IN
GND
IN
13
EN1
C1P
EN1
14
EN2
C1N
EN2
15
SET
C2P
SET
16
NC
VOUT
NC
TSSOP-16
QFN-16


Numéro de pièce similaire - ST1208

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST120-100L2MI VISHAY-ST120-100L2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-25T1MI VISHAY-ST120-25T1MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST1200 STMICROELECTRONICS-ST1200 Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
ST1200 STMICROELECTRONICS-ST1200 Datasheet
24Kb / 2P
   Memory Card IC 256 bit OTP EPROM with Lock-Out
logo
Vishay Siliconix
ST1200-25T3MI VISHAY-ST1200-25T3MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Description similaire - ST1208

FabricantNo de pièceFiches techniqueDescription
logo
SG Micro Corp
SGM3128 SGMICRO-SGM3128 Datasheet
288Kb / 10P
   3-Channel LowDropout Low Side White LED Driver
logo
Rohm
BD6586MUV ROHM-BD6586MUV_12 Datasheet
626Kb / 24P
   4-Channel White LED Driver
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
   8-Channel White LED Driver
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
logo
Texas Instruments
TLED2043 TI1-TLED2043 Datasheet
209Kb / 15P
[Old version datasheet]   4-CHANNEL WHITE LED DRIVER
logo
Rohm
BD65D00MUV ROHM-BD65D00MUV Datasheet
985Kb / 40P
   4-Channel White LED Driver
logo
Skyworks Solutions Inc.
AAT2400 SKYWORKS-AAT2400 Datasheet
2Mb / 32P
   Sixteen-Channel White LED Driver Solution
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
   WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
   WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com