Moteur de recherche de fiches techniques de composants électroniques |
|
LA1S109R-D44LF Fiches technique(PDF) 1 Page - Bothhand USA, LP. |
|
LA1S109R-D44LF Fiches technique(HTML) 1 Page - Bothhand USA, LP. |
1 / 2 page “LAN-MATE” SERIES SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS AND LEDS P/N:LA1S109R-D44 LF Page : 1/2 A 1(08/02) Feature l RJ-45 needs to be matched FCC standard l Isolation @ 60Hz : Input to output:1500Vrms. l Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. l Operating temperature range: 0℃ to +70℃. l Storage temperature range: -25℃ to +85℃. l Recommended panel Part Number Standard LED Forward*V(Max) (TYP) 4 GREEN 2.6V 2.2V D4 GREEN&ORANGE 2.6V 2.2V *with a forward current of 20mA Electrical Specifications @ 25°C Turns Ratio (±5%) Cross talk (dB Min) Part Number TX RX OCL (uH Min) @ 100KHz/0.1V with 8mA DC Bias 0.3-30MHz 30-60MHz 60-100MHz HI-POT (Vrms) LA1S109R-D44 LF 1CT:1CT 1CT:1CT 350 -40 -35 -30 1500 Continue Insertion Loss (dB Max) Return Loss (dB Min) @ Load 100Ω CMR (dB Min) Part Number 1-100MHz 1-30MHz 30-40MHz 40-50MHz 50-80MHz 1-30MHz 30-60MHz 60-125MHz LA1S109R-D44 LF -1.0 -16 -13.5 -11.5 -10 -30 -25 -20 Schematic Bothhand USA email:sales@bothhandusa.com tel: 978-887-8050 462 Boston St, Topsfield, MA 01983 http://www.bothhandUSA.com email:sales@bothhandusa.com tel: 978-887-8050 fax: 978-887-5434 |
Numéro de pièce similaire - LA1S109R-D44LF |
|
Description similaire - LA1S109R-D44LF |