Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

O1.0-JV75-B-3.3-10-A-T1 Fiches technique(PDF) 2 Page - Jauch Quartz Gmbh

No de pièce O1.0-JV75-B-3.3-10-A-T1
Description  SMD Voltage Control Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JAUCH [Jauch Quartz Gmbh]
Site Internet  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O1.0-JV75-B-3.3-10-A-T1 Fiches technique(HTML) 2 Page - Jauch Quartz Gmbh

  O1.0-JV75-B-3.3-10-A-T1 Datasheet HTML 1Page - Jauch Quartz Gmbh O1.0-JV75-B-3.3-10-A-T1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Oscillator · VCXO · JV75 · 3.3 V
temperature (
°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260
°C max.
180
±5 °C
220
±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
standard packing units are 500 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Enable / Disable Function
pin #2/#5
pin #4
open or
≥ 0.7 VDC
enable
gnd or
≥ 0.3 VDC
high impedance
Marking
frequency
type / date code
date code:
A ~ M: Jan.- Dec.
9: 2009
0: 2010
1: 2011
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Control Voltage Characteristic
3.3 V version
160
120
80
40
20
0
-20
-40
-80
-120
-160
0.825
1.65
2.45
3.3
control voltage (V)
ppm
8.0±0.2
±0.1
ø 1.5±0.1
0.4±0.05
2.3±0.1
5.5 max.
Direction of feed
4.0
±0.1
2.0
Taping Specification
500 pcs per reel
2.0
120
°
17.5
ø21
in mm


Numéro de pièce similaire - O1.0-JV75-B-3.3-10-A-T1

FabricantNo de pièceFiches techniqueDescription
logo
Jauch Quartz Gmbh
O1.8-JO75H-D-3.3-1 JAUCH-O1.8-JO75H-D-3.3-1 Datasheet
158Kb / 2P
   Oscillator
O1.8-JO75H-D-3.3-1-T1 JAUCH-O1.8-JO75H-D-3.3-1-T1 Datasheet
158Kb / 2P
   Oscillator
O1.8-JO75H-D-3.3-2 JAUCH-O1.8-JO75H-D-3.3-2 Datasheet
158Kb / 2P
   Oscillator
O1.8-JO75H-D-3.3-2-T1 JAUCH-O1.8-JO75H-D-3.3-2-T1 Datasheet
158Kb / 2P
   Oscillator
O1.8-JO75H-D-5.0-1 JAUCH-O1.8-JO75H-D-5.0-1 Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
More results

Description similaire - O1.0-JV75-B-3.3-10-A-T1

FabricantNo de pièceFiches techniqueDescription
logo
Jauch Quartz Gmbh
JV75-5.0V JAUCH-JV75-5.0V Datasheet
216Kb / 2P
   SMD Voltage Control Crystal Oscillator
logo
TEMEX
RVX5032P TEMEX-RVX5032P Datasheet
621Kb / 8P
   SMD Voltage Control Crystal Oscillator
logo
Jauch Quartz Gmbh
JV53-5.0V JAUCH-JV53-5.0V Datasheet
151Kb / 2P
   SMD Voltage Control Crystal Oscillator
JV53-3.3V JAUCH-JV53-3.3V Datasheet
151Kb / 2P
   SMD Voltage Control Crystal Oscillator
logo
Abracon Corporation
APVV ABRACON-APVV Datasheet
795Kb / 2P
   CERAMIC SMD VOLTAGE CONTROL CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JCO923 JAUCH-JCO923 Datasheet
98Kb / 2P
   Voltage Control Crystal Oscillator
logo
Vectron International, ...
VX-708 VECTRON-VX-708 Datasheet
3Mb / 4P
   Voltage Control Crystal Oscillator
logo
Jauch Quartz Gmbh
JCO924 JAUCH-JCO924 Datasheet
98Kb / 2P
   Voltage Control Crystal Oscillator
logo
Abracon Corporation
ABNM ABRACON-ABNM Datasheet
292Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ASPE ABRACON-ASPE Datasheet
267Kb / 1P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com