Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

O12.0-JSS53-A-3.3-D1-1 Fiches technique(PDF) 1 Page - Jauch Quartz Gmbh

No de pièce O12.0-JSS53-A-3.3-D1-1
Description  SMD Spread Spectrum Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JAUCH [Jauch Quartz Gmbh]
Site Internet  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O12.0-JSS53-A-3.3-D1-1 Fiches technique(HTML) 1 Page - Jauch Quartz Gmbh

  O12.0-JSS53-A-3.3-D1-1 Datasheet HTML 1Page - Jauch Quartz Gmbh O12.0-JSS53-A-3.3-D1-1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Table 2: Current Consumption max.
Current at 15pF load:
12.0 ~ 28.0 MHz
13 mA
28.1 ~ 80.0 MHz
15 mA
80.1 ~ 168.0 MHz
30 mA
Table 3: Rise & Fall Time max.
5ns: 12.0 ~ 80.0 MHz
4ns: 80.1 ~ 168.0 MHz
note:
- specific data on request
Oscillator · Spread Spectrum
actual size
Order Information
Example: O 20.0-JSS53-B-3.3-C2-1
(Suffix LF = RoHS compliant / Pb free pins or pads)
Oscillator
12.0 ~ 168.0 MHz
JSS53
see table 1
3.3 = 3.3 V
1 = 15 pF
blank = -10 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
O
frequency
in MHz
type
frequency
stability code
supply voltage
code
output load
code
option
Table 1: Frequency Stability Code
stability code
AB
± 100 ppm
± 50 ppm
-10 °C ~ +70 °C
O
-40 °C ~ +85 °C
OO
standard O on request
center/down
spread
C1 = ± 0.5%
C2 = ± 1.0%
C4 = ± 2.0%
D1 = – 1.0%
D2 = – 2.0%
D4 = – 4.0%
Table 4: Jitter
jitter (cycle to cycle, sigma)
200ps max. (at 10.0 ~ 19.9 MHz)
100ps max. (at 20.0 ~ 168.0 MHz)
General Data
JSS53
12.0 ~ 168.0 MHz
± 50ppm / ± 100ppm (see table 1)
± 0.5% / ± 1.0% / ± 2.0%
-1.0% / -2.0% / -4.0%
see table 2
3.3 V ± 5%
-10 °C ~ +70 °C / -40 °C ~ +85 °C
-40 °C ~ +85 °C
see table 2
15pF
8 mA
0.2 x VDC
0.8 x VDC
10ms
10ns
10ms
stop
see table 4
45% ~ 55% typ. (40% ± 60% max.)
5.0±0.2
# 1
# 2
# 4 # 3
2.6±0.1
1.3±0.1
2.6±0.1
# 2
# 1
# 3
# 4
1.1±0.1
Dimensions
in mm
pin connection
# 1: e/d
# 2: ground
# 3: output
# 4: VDD
top view
side view
bottom view
pad layout
* includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
SMD Spread Spectrum Crystal Oscillator
· 5.0 x 3.2 mm
different spread widths /modulations available
reduced EMI type
reflow soldering temperature: 260 °C max.
ceramic/metal package
111208
type
frequency range
frequency stability over all*
center spread modulation
down spread modulation
current consumption
supply voltage VDC
temperature
operating
storage
output
rise & fall time
load max.
current max.
low level max.
high level min.
output enable time max.
output disable time max.
start-up time max.
standby function
jitter
symmetry at 50% of Vpp
center
down


Numéro de pièce similaire - O12.0-JSS53-A-3.3-D1-1

FabricantNo de pièceFiches techniqueDescription
logo
Jauch Quartz Gmbh
O125.0-VX3L JAUCH-O125.0-VX3L Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3L-T1 JAUCH-O125.0-VX3L-T1 Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3LH JAUCH-O125.0-VX3LH Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3LH-T1 JAUCH-O125.0-VX3LH-T1 Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
O125.0-VX3LP JAUCH-O125.0-VX3LP Datasheet
138Kb / 2P
   SMD Oscillator with Stop Function
More results

Description similaire - O12.0-JSS53-A-3.3-D1-1

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
   CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
logo
Fox Electronics
S7BC FOX-S7BC Datasheet
233Kb / 3P
   7x5mm Spread Spectrum SMD Oscillator
S7BH FOX-S7BH Datasheet
233Kb / 3P
   7x5mm Spread Spectrum SMD Oscillator
S5SH FOX-S5SH Datasheet
235Kb / 3P
   5x3.2mm Spread Spectrum SMD Oscillator
S7SC FOX-S7SC Datasheet
233Kb / 3P
   7x5mm Spread Spectrum SMD Oscillator
S5BC FOX-S5BC Datasheet
235Kb / 3P
   5x3.2mm Spread Spectrum SMD Oscillator
S5SC FOX-S5SC Datasheet
235Kb / 3P
   5x3.2mm Spread Spectrum SMD Oscillator
S7SH FOX-S7SH Datasheet
233Kb / 3P
   7x5mm Spread Spectrum SMD Oscillator
S5BH FOX-S5BH Datasheet
235Kb / 3P
   5x3.2mm Spread Spectrum SMD Oscillator
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com