Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55/C2V0 Fiches technique(PDF) 4 Page - Jinan Jingheng (Group) Co.,Ltd

No de pièce BZX55/C2V0
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Site Internet  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

BZX55/C2V0 Fiches technique(HTML) 4 Page - Jinan Jingheng (Group) Co.,Ltd

  BZX55/C2V0 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd BZX55/C2V0 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd BZX55/C2V0 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd BZX55/C2V0 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
0
0
0
12
10
34
5
20
67
30
8
9
10 V
40 V
10
10
20
20
30
40
mA
50
mA
30
BZX55...
BZX55...
IZ
IZ
VZ
VZ
C0V8
T =25 C
J
Test current IZ
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
5mA
Test current IZ
5mA
T =25 C
J
C10
C12
C15
C18
C22
C27
C33
BREAKDOWN CHARACTERISTICS AT T = CONSTANT (PULSED)
J
BREAKDOWN CHARACTERISTICS AT T = CONSTANT (PULSED)
J


Numéro de pièce similaire - BZX55/C2V0

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
BZX55/C2V0 SEMTECH-BZX55/C2V0 Datasheet
320Kb / 3P
   SILICON PLANAR ZENER DIODES??????
logo
List of Unclassifed Man...
BZX55/C2V0 ETC-BZX55/C2V0 Datasheet
119Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Description similaire - BZX55/C2V0

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com