Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD-3002 Fiches technique(PDF) 1 Page - Bothhand USA, LP.

No de pièce AD-3002
Description  EMC CHOKE FOR SPLITTER APPLICATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-3002 Fiches technique(HTML) 1 Page - Bothhand USA, LP.

  AD-3002 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: AD-3002 DATA SHEET
Feature
!
Designed for ADSL Splitter Application.
!
High Performance EMC Choke in Small THT Package
!
Excellent longitudinal balance.
!
Operating temperature:-10℃ to +60℃.
!
Storage temperature:-25℃ to +75℃.
Electrical Specifications @ 25°C
Turn Ratio)
Part
Number
(1-5):(6-10)
OCL (µH±30%)
DC R
(Ω Max)
DC R
(Ω Max)
HI-POT
(V Min)
AD-3002S
1:1
529
0.14
0.18
500
Schematic
Mechanical
Bothhandusa.com
EMC CHOKE FOR SPLITTER APPLICATION
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Numéro de pièce similaire - AD-3002

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
AD-3059 BOTHHAND-AD-3059 Datasheet
66Kb / 1P
   ADSL LINE TRANSFORMER
AD-3063 BOTHHAND-AD-3063 Datasheet
66Kb / 1P
   ADSL MICROFILTER
AD-3063C BOTHHAND-AD-3063C Datasheet
102Kb / 1P
   ADSL MICRO FILTER
More results

Description similaire - AD-3002

FabricantNo de pièceFiches techniqueDescription
logo
Filtran LTD
8451 FILTRAN-8451 Datasheet
96Kb / 1P
   Choke EMC Suppression Choke
logo
Sumida Corporation
PFN1515 SUMIDA-PFN1515 Datasheet
110Kb / 1P
   EMC Choke Coil
PFN0716 SUMIDA-PFN0716 Datasheet
129Kb / 1P
   EMC Choke Coil
PFN1025 SUMIDA-PFN1025 Datasheet
129Kb / 1P
   EMC Choke Coil
PFN1316 SUMIDA-PFN1316 Datasheet
126Kb / 1P
   EMC Choke Coil
SFC1015 SUMIDA-SFC1015 Datasheet
157Kb / 1P
   EMC CHOKE COIL
PFN1318 SUMIDA-PFN1318 Datasheet
128Kb / 1P
   EMC Choke Coil
PFN1329 SUMIDA-PFN1329 Datasheet
128Kb / 1P
   EMC Choke Coil
PFN2029 SUMIDA-PFN2029 Datasheet
128Kb / 1P
   EMC&PFC Choke Coil
PFN2028 SUMIDA-PFN2028 Datasheet
126Kb / 1P
   EMC & PFC Choke Coil
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com