Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA06H24 Fiches technique(PDF) 2 Page - Bothhand USA, LP.

No de pièce SA06H24
Description  30 Watts Switching Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA06H24 Fiches technique(HTML) 2 Page - Bothhand USA, LP.

  SA06H24 Datasheet HTML 1Page - Bothhand USA, LP. SA06H24 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
MECHANICAL
SA06H
ORDERING INFORMATION
Unit: m.m.
-1 A
1 2
Output Plug List
Output Voltage
Standard Output Cable:
18AWG, UL SPT-1, 1200mm


Numéro de pièce similaire - SA06H24

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SA06 ETC-SA06 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12S ETC-SA06-24-12S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-15S ETC-SA06-24-15S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-24S ETC-SA06-24-24S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
More results

Description similaire - SA06H24

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
EA1050E BOTHHAND-EA1050E Datasheet
40Kb / 2P
   30~42 Watts Switching Adapter
EA1060C BOTHHAND-EA1060C Datasheet
40Kb / 2P
   36 Watts Switching Adapter
SA0612 BOTHHAND-SA0612 Datasheet
43Kb / 2P
   20 Watts Switching Adapter
SA01H12 BOTHHAND-SA01H12 Datasheet
50Kb / 2P
   15 Watts Switching Adapter
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
SA0104 BOTHHAND-SA0104 Datasheet
49Kb / 2P
   5~7.5 Watts Switching Adapter
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
EA1060A BOTHHAND-EA1060A Datasheet
40Kb / 2P
   50~60 Watts Switching Adapter
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
   6~15 Watts Switching Adapter
EA1050A BOTHHAND-EA1050A Datasheet
42Kb / 2P
   50~60 Watts Switching Adapter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com