Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP114A Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TLP114A
Description  Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP114A Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TLP114A Datasheet HTML 1Page - Toshiba Semiconductor TLP114A Datasheet HTML 2Page - Toshiba Semiconductor TLP114A Datasheet HTML 3Page - Toshiba Semiconductor TLP114A Datasheet HTML 4Page - Toshiba Semiconductor TLP114A Datasheet HTML 5Page - Toshiba Semiconductor TLP114A Datasheet HTML 6Page - Toshiba Semiconductor TLP114A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP114A
2002-9-25
5
Δ
VF / Δta – IF
Forward current IF (mA)
-4.0
0.1
-3.2
-2.4
-1.6
0.3 0.5
1
3
5
10
30
-3.6
-2.8
-2.0
-1.2
IOH(1) – Ta
Ambient temperature Ta (°C)
100
1
3
50
30
10
5
0
40
80
0.5
300
20
60
100
120
VF = 1V
VCC = 5.5V
VO = 5.5V
IO – IF
Forward current IF (mA)
10
0.01
3
0.3
0.03
50
30
10
5
3
1
0.5
0.3
0.1
0.1
1
VCC = 5V
VO = 0.4V
Ta = 25°C
0.05
0.5
IO / IF – Ta
Ambient temperature Ta (°C)
0
20
40
60
80
-20
100
0
0.4
0.6
0.8
1.0
1.2
Normalized to
VCC = 4.5V
VO = 0.4V
Ta = 25°C
IF = 16mA
8mA
IF – VF
Forward voltage VF (V)
100
1.0
10
1.2
1.4
1.6
1.8
2.0
0
0.1
0.01
Ta = 70°C
25°C
0°C
IO / IF – IF
Forward current IF (mA)
50
30
10
5
3
1
0.5
0.3
100
50
30
10
5
3
1
0.1
VCC = 5V
VO = 0.4V
Ta = 25°C
- 25°C
25°C
100°C


Numéro de pièce similaire - TLP114A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP114A TOSHIBA-TLP114A Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
TLP114AIGM TOSHIBA-TLP114AIGM Datasheet
162Kb / 6P
   Transistor Invertor For Air Conditioner Line Receiver Ipm Interfaces
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
More results

Description similaire - TLP114A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP759F TOSHIBA-TLP759F Datasheet
113Kb / 2P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP2531F TOSHIBA-TLP2531F Datasheet
188Kb / 8P
   Digital Logic Isolation Line Receiver Power Supply Control Switching Power Supply Transistor Inverter
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
TLP559 TOSHIBA-TLP559_07 Datasheet
190Kb / 7P
   Switching Power Supply Feedback Control
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
   Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com