Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSIR3331-TBS-X-PF Fiches technique(PDF) 5 Page - LIGITEK electronics co., ltd.

No de pièce LSIR3331-TBS-X-PF
Description  TAPE AND BOX TYPE LED LAMPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSIR3331-TBS-X-PF Fiches technique(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSIR3331-TBS-X-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSIR3331-TBS-X-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSIR3331-TBS-X-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSIR3331-TBS-X-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSIR3331-TBS-X-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSIR3331-TBS-X-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSIR3331-TBS-X-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSIR3331-TBS-X-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSIR3331-TBS-X-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
25.5
1.0
0.96
TBS-8
24.5
Specification
Quantity/Box
Part No.
LSIR3331/TBS-X-PF
2000PCS
13.0
L
Overall Length
330
Overall Thickness
Overall Width
50
H
1.97
265
W
10.4
mm
inch
Symbol
H
L
13.4
340
60
2.4
10.8
275
W
inch
mm
-------
-------
-------
-------
REMARK:TBS = Tape And Box Straight Leads
Dimensions Symbol Information
Adhesive Tape Width
Adhesive Tape Position
Feed Hole Location
Tape Width
Package Dimensions
W3
W2
17.5
0
W1
W0
14.5
8.5
19
4.0
0.69
0
0.75
0.16
15.5
9.75
0.57
0.33
0.61
0.38
TBS-10
TBS-9
-------
-------
-------
-------
-------
-------
Center Of Component Location
Overall Taped Package Thickness
Feed Hole Pitch
Lead Location
Lead Length After Component Height
Feed Hole To Overall Component Height
0.43
11
W0
L
T
P2
-------
5.1
P
P1
12.4
4.4
1.42
7.7
-------
0.2
0.06
0.3
5.8
13
0.49
0.17
0.51
0.23
18.4
H2
-------
19.0
0.76
19.4
0.72
36
-------
1.42
20.0
0.75
0.79
PART NO.
Page 4/9
3.0
0.12
0.09
F
-------
Component Lead Pitch
2.3
-------
TBS-2
TBS-1
TBS-6
TBS-7
TBS-5
TBS-3
Front-To-Rear Deflection
Feed Hole To Bottom Of Component
26.5
1.0
1.04
25.5
19.9
H1
24.0
22.5
0.82
20.9
0.78
25.0
0.94
0.98
23.5
0.89
0.93
17.5
21.5
H
-------
0.73
18.5
0.69
22.5
0.85
0.89
2.0
-------
0.08
Dimension Symbol Information
-------
OPTION
CODE
SYMBOL ITEMS
Tape Feed Hole Diameter
Minimum
mm
D
3.8
SYMBOL
inch
mm
inch
4.2
0.15
0.17
Maximum
SPECIFICATIONS
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSIR3331/TBS-X-PF


Numéro de pièce similaire - LSIR3331-TBS-X-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSIR3331-TRS LIGITEK-LSIR3331-TRS Datasheet
154Kb / 9P
   INFRARED EMITTING DIODES
More results

Description similaire - LSIR3331-TBS-X-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDBK2640-TBS-X LIGITEK-LDBK2640-TBS-X Datasheet
122Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG2641-P1-PF-TBS-X LIGITEK-LVG2641-P1-PF-TBS-X Datasheet
135Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDBK3333-H0-TBS LIGITEK-LDBK3333-H0-TBS Datasheet
90Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LI2341-PF-TBS-3 LIGITEK-LI2341-PF-TBS-3 Datasheet
145Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LI2640-S79-PF-TBS-X LIGITEK-LI2640-S79-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LPT3323-TBS-X-PF LIGITEK-LPT3323-TBS-X-PF Datasheet
111Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG13743-PF-TBS-X LIGITEK-LVG13743-PF-TBS-X Datasheet
132Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDGM32840-S4-TBS-X LIGITEK-LDGM32840-S4-TBS-X Datasheet
157Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LG3330-H0-PF-TBS-X LIGITEK-LG3330-H0-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LHIR2042-S78-PF-TBS-X LIGITEK-LHIR2042-S78-PF-TBS-X Datasheet
172Kb / 10P
   TAPE AND BOX TYPE LED LAMPS
LHY22840-S11-PF-TBS-1 LIGITEK-LHY22840-S11-PF-TBS-1 Datasheet
121Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com