Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSEG45762-S16-PF Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd.

No de pièce LSEG45762-S16-PF
Description  BIPOLAR TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG45762-S16-PF Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSEG45762-S16-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG45762-S16-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG45762-S16-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG45762-S16-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG45762-S16-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG45762-S16-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEG45762-S16-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2/6
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
G
SE
Symbol
Parameter
Ratings
Absolute Maximum Ratings at Ta=25
mA
mW
120
80
100
80
μA
10
IFP
PD
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Ir
Reverse Current @5V
Forward Current
IF
mA
30
20
-40 ~ +100
Tstg
Storage Temperature
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Operating Temperature
-40 ~ +85
Topr
LSEG45762/S16-PF
PART NO.
LSEG45762/S16-PF
GaP
Green
GaAsP/GaP Orange
565
30
White Diffused
610
45
2.6
1.7
64
4.5
1.8
1.2
2.6
1.7
64
3.0
COLOR
Emitted
MATERIAL
PART NO
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Lens
Forward
voltage
@20mA(V)
Luminous
intensity
@10mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Max.
Min.
Min.
Typ.


Numéro de pièce similaire - LSEG45762-S16-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSEG42292-PF LIGITEK-LSEG42292-PF Datasheet
121Kb / 7P
   DUAL COLOR LED LAMPS
More results

Description similaire - LSEG45762-S16-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHYS9UG42462-S2 LIGITEK-LHYS9UG42462-S2 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LII2660-PF LIGITEK-LII2660-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHRFSBKS2363 LIGITEK-LHRFSBKS2363 Datasheet
121Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHRFUG3362-PF-TRS-13 LIGITEK-LHRFUG3362-PF-TRS-13 Datasheet
169Kb / 8P
   BIPOLAR TYPE LED LAMPS
LHY9UG3362-R1-PF LIGITEK-LHY9UG3362-R1-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSBKS9UG35162 LIGITEK-LSBKS9UG35162 Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEDBK3342-L1 LIGITEK-LSEDBK3342-L1 Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
LYG35162-PF LIGITEK-LYG35162-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com