Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSEG2362-S10-H-PF Fiches technique(PDF) 4 Page - LIGITEK electronics co., ltd.

No de pièce LSEG2362-S10-H-PF
Description  BIPOLAR TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG2362-S10-H-PF Fiches technique(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSEG2362-S10-H-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEG2362-S10-H-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
40
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Forward Current(mA)
Ambient Temperature(
)
Fig.4 Relative Intensity vs. Temperature
1.0
750
700
650
600
550
Wavelength (nm)
0.5
0.0
1.0
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
-20
0.8
-40
20
0
0.9
80
60
40
100
0.0
-40
-20
0
20
0.5
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
1.2
1.0
1.1
2.0
1.5
2.5
3.0
1.0
1.0
3.0
2.0
0.1
10
100
1.0
4.0
5.0
0.0
1.0
10
0.5
1.5
2.5
2.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
1000
SE CHIP
3.0
100
60
80
1000
100
Page 3/6
PART NO. LSEG2362/S10/H-PF


Numéro de pièce similaire - LSEG2362-S10-H-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSEG21463-PF LIGITEK-LSEG21463-PF Datasheet
124Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG2662-PF LIGITEK-LSEG2662-PF Datasheet
124Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG2662-S37-H-PF LIGITEK-LSEG2662-S37-H-PF Datasheet
133Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG2662/S37/H-PF LIGITEK-LSEG2662/S37/H-PF Datasheet
133Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEG27462-S7-PF LIGITEK-LSEG27462-S7-PF Datasheet
129Kb / 7P
   RECTANGLE TYPE LED LAMPS
More results

Description similaire - LSEG2362-S10-H-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHYS9UG42462-S2 LIGITEK-LHYS9UG42462-S2 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LII2660-PF LIGITEK-LII2660-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHRFSBKS2363 LIGITEK-LHRFSBKS2363 Datasheet
121Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHRFUG3362-PF-TRS-13 LIGITEK-LHRFUG3362-PF-TRS-13 Datasheet
169Kb / 8P
   BIPOLAR TYPE LED LAMPS
LHY9UG3362-R1-PF LIGITEK-LHY9UG3362-R1-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSBKS9UG35162 LIGITEK-LSBKS9UG35162 Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEDBK3342-L1 LIGITEK-LSEDBK3342-L1 Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
LYG35162-PF LIGITEK-LYG35162-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com