Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSEFG9553-TR1 Fiches technique(PDF) 6 Page - LIGITEK electronics co., ltd.

No de pièce LSEFG9553-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEFG9553-TR1 Fiches technique(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSEFG9553-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEFG9553-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEFG9553-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEFG9553-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEFG9553-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEFG9553-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEFG9553-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSEFG9553-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSEFG9553-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Wavelength (nm)
500
550
0.0
0.5
600
650
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
0
-20
-40
0.8
1.0
0.9
1.1
1.2
0.5
0
Ambient Temperature(
)
100
80
60
40
20
-40
-20
0.0
100
60
80
20
40
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
5/8
Page
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
Typical Electro-Optical Characteristics Curve
100
1.0
0.1
2.0
1.0
10
1000
G CHIP
10
Forward Current(mA)
4.0
3.0
5.0
0.0
1.0
1.5
0.5
1.0
2.5
2.0
1000
100
Fig.2 Relative Intensity vs. Forward Current
3.5
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.LSEFG9553/TR1
Fig.6 Directivity Radiation
30
°
0
°
-30
°
100%
50%
25%
75%
25%0
75% 50%
60
°
100%
-60
°


Numéro de pièce similaire - LSEFG9553-TR1

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSEFG9553-R4-TR1 LIGITEK-LSEFG9553-R4-TR1 Datasheet
160Kb / 9P
   SURFACE MOUNT LED TAPE AND REEL
More results

Description similaire - LSEFG9553-TR1

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com