Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSEFG3393-PF Fiches technique(PDF) 4 Page - LIGITEK electronics co., ltd.

No de pièce LSEFG3393-PF
Description  DURL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEFG3393-PF Fiches technique(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSEFG3393-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEFG3393-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEFG3393-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEFG3393-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEFG3393-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEFG3393-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEFG3393-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
550
0.0
0.5
Wavelength (nm)
600
650
500
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
-20
-40
0.8
1.0
0.9
1.1
1.2
0.5
-20
Ambient Temperature(
)
80
60
40
20
0
-40
100
0.0
80
60
0
20
40
100
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
100
0.1
1.0
1.0
10
1000
SEF CHIP
Forward Voltage(V)
1.5
2.0
2.5
3.0
1.0
0.0
1.5
1.0
0.5
2.0
2.5
Forward Current(mA)
10
100
1000
Fig.2 Relative Intensity vs. Forward Current
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page3/6
PART NO. LSEFG3393-PF


Numéro de pièce similaire - LSEFG3393-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSEFG3392-PF LIGITEK-LSEFG3392-PF Datasheet
129Kb / 7P
   DURL COLOR LED LAMPS
More results

Description similaire - LSEFG3393-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LHRFVG3392-PF LIGITEK-LHRFVG3392-PF Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LVYSBKS3392-R2 LIGITEK-LVYSBKS3392-R2 Datasheet
118Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-R1-PF LIGITEK-LHRF9UG3393-R1-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSBKS9SEF3393 LIGITEK-LSBKS9SEF3393 Datasheet
102Kb / 6P
   DURL COLOR LED LAMPS
LSRFDGM3392-D1-A-J LIGITEK-LSRFDGM3392-D1-A-J Datasheet
172Kb / 9P
   DURL COLOR LED LAMPS
LURF9UG3392-PF LIGITEK-LURF9UG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFDGM3392 LIGITEK-LSRFDGM3392 Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LVYDBK3392-R2 LIGITEK-LVYDBK3392-R2 Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LVYVG3392-PF LIGITEK-LVYVG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFSBKS3392 LIGITEK-LSRFSBKS3392 Datasheet
121Kb / 7P
   DURL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com