Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSE5333-PF Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd.

No de pièce LSE5333-PF
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSE5333-PF Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSE5333-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSE5333-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSE5333-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSE5333-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSE5333-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSE5333-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mW
μA
mA
mA
SE
Ratings
Symbol
20
80
10
80
IF
IFP
Ir
PD
Page 2/5
Parameter
Power Dissipation
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Forward Current
Absolute Maximum Ratings at Ta=25
-40 ~ +85
Topr
Tstg
-40 ~ +100
20
Typ.
Min.
45
20
Max.
2.6
45
Lens
610
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@10mA(mcd)
Peak
wave
length
λPnm
Storage Temperature
Operating Temperature
Emitted
Orange
PART NO
LSE5333-PF
MATERIAL
GaAsP/GaP
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
Water Clear
COLOR
Min.
1.7
PART NO. LSE5333-PF


Numéro de pièce similaire - LSE5333-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSE5120 LIGITEK-LSE5120 Datasheet
103Kb / 5P
   RECTANGLE TYPE LED LAMPS
LSE5130-PF LIGITEK-LSE5130-PF Datasheet
126Kb / 6P
   RECTANGLE TYPE LED LAMPS
LSE5140-PF LIGITEK-LSE5140-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
LSE5233 LIGITEK-LSE5233 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSE55521-PF LIGITEK-LSE55521-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results

Description similaire - LSE5333-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com