Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD4015-65-XX-PF Fiches technique(PDF) 7 Page - LIGITEK electronics co., ltd.

No de pièce LSD4015-65-XX-PF
Description  SINGLE DIGIT LED DISPLAY (4.0 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD4015-65-XX-PF Fiches technique(HTML) 7 Page - LIGITEK electronics co., ltd.

  LSD4015-65-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD4015-65-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD4015-65-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD4015-65-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD4015-65-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD4015-65-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD4015-65-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD4015-65-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD4015-65-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
650
600
700
Wavelength (nm)
0.0
0.5
1.0
-40
0.9
0.8
1.0
0
-20
60
40
20
1.0
2.0
3.0
1.1
1.2
Forward Voltage(V)
1.0
0.1
10
100
1000
LSD4015/65-XX-PF
SR CHIP
PART NO.
750
Ambient Temperature(
)
60
-40
100
80
0.5
0.0
1.5
1.0
-20
40
0
20
100
80
Fig.4 Relative Intensity vs. Temperature
Forward Current(mA)
5.0
1.0
10
100
2.5
2.0
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1000
Fig.2 Relative Intensity vs. Forward Current
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page6/8


Numéro de pièce similaire - LSD4015-65-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD4015-65-XX LIGITEK-LSD4015-65-XX Datasheet
132Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
More results

Description similaire - LSD4015-65-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD4015-62-XX LIGITEK-LSD4015-62-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4065-6EGR-XX LIGITEK-LSD4065-6EGR-XX Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-65-XX LIGITEK-LSD4015-65-XX Datasheet
132Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-64-XX LIGITEK-LSD4015-64-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-62V-XX LIGITEK-LSD4015-62V-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-63-XX LIGITEK-LSD4015-63-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-66-XX LIGITEK-LSD4015-66-XX Datasheet
134Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
logo
China Semiconductor Cor...
CSS-4018VM9 CHINASEMI-CSS-4018VM9 Datasheet
218Kb / 7P
   4.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-4001G PARALIGHT-A-4001G Datasheet
256Kb / 12P
   4.0 INCH SINGLE DIGIT DISPLAY
A-4001Y PARALIGHT-A-4001Y Datasheet
215Kb / 11P
   4.0 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com