Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD-4805S2 Fiches technique(PDF) 2 Page - Bothhand USA, LP.

No de pièce BD-4805S2
Description  2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BD-4805S2 Fiches technique(HTML) 2 Page - Bothhand USA, LP.

  BD-4805S2 Datasheet HTML 1Page - Bothhand USA, LP. BD-4805S2 Datasheet HTML 2Page - Bothhand USA, LP. BD-4805S2 Datasheet HTML 3Page - Bothhand USA, LP. BD-4805S2 Datasheet HTML 4Page - Bothhand USA, LP. BD-4805S2 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BD Series
2 to 6 Watt Isolated DC-DC Converter
Single / Dual Output
BOTHHAND USA. http://www.bothhand.com
4. Single Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
2 W Single output Series
BD-1205S2
5.0
400
9
235
50
± 0.5
71
BD-1215S2
9 ~ 18
15.0
134
9
226
120
± 0.5
74
BD-2405S2
5.0
400
6
116
50
± 0.5
72
BD-2412S2
12.0
167
6
113
100
± 0.5
74
BD-2415S2
18 ~ 36
15.0
134
6
109
120
± 0.5
77
BD-4805S2
5.0
400
3
57
50
± 0.5
73
BD-4812S2
36 ~ 75
12.0
167
3
55
100
± 0.5
76
4 W Single output Series
BD-123R3S4
3.3
1000
19
357
50
± 0.5
77
BD-1205S4
5.0
800
20
422
50
± 0.5
79
BD-1212S4
9 ~ 18
12.0
333
22
416
100
± 0.5
80
BD-2405S4
5.0
800
10
211
50
± 0.5
79
BD-2412S4
12.0
333
13
208
100
± 0.5
80
BD-2415S4
18 ~ 36
15.0
267
15
201
120
± 0.5
83
BD-4805S4
5.0
800
6
105
50
± 0.5
79
BD-4812S4
36 ~ 75
12.0
333
7
104
100
± 0.5
80
6 W Single output Series
BD-1205S6
5.0
1200
19
633
50
± 0.5
79
BD-1212S6
9 ~ 18
12.0
500
20
625
100
± 0.5
80
BD-2405S6
5.0
1200
10
316
50
± 0.5
79
BD-2412S6
12.0
500
13
313
100
± 0.5
80
BD-2415S6
18 ~ 36
15.0
400
13
313
120
± 0.5
80
BD-4805S6
5.0
1200
6
158
50
± 0.5
79
BD-4812S6
36 ~ 75
12.0
500
8
154
100
± 0.5
81
BD-xxxxSx
Notes:
1.
Standard output Voltage is 3.3V, 5V, 9V, 12V, 15V,
BD-xxxxSx is for Customer Design.
2.
Load regulation is for output current change from 0 % to 100 % Max. Load.
3.
Suffix “H” for 3.5K Vdc Isolation…… ( BD-xxxxSxH )
4.
Suffix “M” for Metal case …………… ( BD-xxxxSxM )


Numéro de pièce similaire - BD-4805S2

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
BD-4805S2LF BOTHHAND-BD-4805S2LF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
More results

Description similaire - BD-4805S2

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
2A-NXT MICRODC-2A-NXT Datasheet
674Kb / 4P
   2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com