Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD335-64S-XX-RP4-PF Fiches technique(PDF) 6 Page - LIGITEK electronics co., ltd.

No de pièce LSD335-64S-XX-RP4-PF
Description  SINGLE DIGIT LED DISPLAY (0.32 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD335-64S-XX-RP4-PF Fiches technique(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSD335-64S-XX-RP4-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD335-64S-XX-RP4-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD335-64S-XX-RP4-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD335-64S-XX-RP4-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD335-64S-XX-RP4-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD335-64S-XX-RP4-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD335-64S-XX-RP4-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD335-64S-XX-RP4-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD335-64S-XX-RP4-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
If=20mA
Test Condition
If=20mA
If=20mA
If=10mA
Vr=5V
volt
Vf
Forward Voltage Per Chip
Luminous Intensity Matching Ratio
Reverse Current Any Chip
Spectral Line Half-Width
Peak Wavelength
Luminous Intensity Per Chip
IV-M
△λ
Ir
λP
Iv
μA
nm
mcd
nm
Test Condition For Each Parameter
Parameter
Symbol
Unit
Page 5/8
LSD335/64S-XX/RP4-PF
PART NO.


Numéro de pièce similaire - LSD335-64S-XX-RP4-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD335-64-XX-PF LIGITEK-LSD335-64-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-64-XX-RP4 LIGITEK-LSD335-64-XX-RP4 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results

Description similaire - LSD335-64S-XX-RP4-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD335-62V-XX-PF LIGITEK-LSD335-62V-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-61-XX-RP3 LIGITEK-LSD335-61-XX-RP3 Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-RP38-PF LIGITEK-LSD335-66-XX-RP38-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-62V-XX-RP6-PF LIGITEK-LSD335-62V-XX-RP6-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-64-XX-PF LIGITEK-LSD335-64-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-RP38 LIGITEK-LSD335-65-XX-RP38 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-61-XX-RP117-PF LIGITEK-LSD335-61-XX-RP117-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-63-XX-RP4 LIGITEK-LSD335-63-XX-RP4 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-PF LIGITEK-LSD335-65-XX-PF Datasheet
156Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-RP195-PF LIGITEK-LSD335-65-XX-RP195-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-PF LIGITEK-LSD335-66-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com