Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD315-64-XX-RP25-PF Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LSD315-64-XX-RP25-PF
Description  SINGLE DIGIT LED DISPLAY (0.36 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD315-64-XX-RP25-PF Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD315-64-XX-RP25-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD315-64-XX-RP25-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN 10
PIN 6
PIN 5
PIN 1
2.54X4=
10.16(0.4")
14.0
(0.551")
9.14
(0.36")
2.5
±0.5
ψ1.1(0.043")
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
5.04
(0.198")
LSD315/64-XX/RP25-PF
LIGITEK
7.5
(0.295")
PART NO.
Package Dimensions
LSD315/64-XX/RP25-PF
Ø0.45 TYP
8.48
(0.334")
Page 1/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Numéro de pièce similaire - LSD315-64-XX-RP25-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results

Description similaire - LSD315-64-XX-RP25-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-63V-XX-PF LIGITEK-LSD315-63V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65-XX-PF LIGITEK-LSD315-65-XX-PF Datasheet
142Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65F-XX-PF LIGITEK-LSD315-65F-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62-XX-PF LIGITEK-LSD315-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64SF-XX-PF LIGITEK-LSD315-64SF-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65-XX-PF LIGITEK-LSD315-65-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-66-XX LIGITEK-LSD315-66-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com