Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSD3C5-64-XX-KP38-PF Fiches technique(PDF) 9 Page - LIGITEK electronics co., ltd.

No de pièce LSD3C5-64-XX-KP38-PF
Description  SINGLE DIGIT LED DISPLAY (0.31 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD3C5-64-XX-KP38-PF Fiches technique(HTML) 9 Page - LIGITEK electronics co., ltd.

  LSD3C5-64-XX-KP38-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD3C5-64-XX-KP38-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD3C5-64-XX-KP38-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD3C5-64-XX-KP38-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD3C5-64-XX-KP38-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD3C5-64-XX-KP38-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD3C5-64-XX-KP38-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD3C5-64-XX-KP38-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD3C5-64-XX-KP38-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
8/8
Page
Description
Test Condition
Test Item
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reference
Standard
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
This test intended to see soldering well
performed or not.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Solder Resistance
Test
High Temperature
High Humidity Test
Thermal Shock Test
Solderability Test
Reliability Test:
Low Temperature
Storage Test
High Temperature
Storage Test
Operating Life Test
LSD3C5/64-XX/KP38-PF
PART NO.


Numéro de pièce similaire - LSD3C5-64-XX-KP38-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD3C5-64-R1-XX-PF LIGITEK-LSD3C5-64-R1-XX-PF Datasheet
156Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
More results

Description similaire - LSD3C5-64-XX-KP38-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSD3C5-65-R1-XX-KP4-PF LIGITEK-LSD3C5-65-R1-XX-KP4-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-62-XX-RP4-PF LIGITEK-LSD3C5-62-XX-RP4-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-XX-PF LIGITEK-LSD3C5-65-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-R1-XX-RP4-PF LIGITEK-LSD3C5-65-R1-XX-RP4-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-R1-XX-KP4 LIGITEK-LSD3C5-65-R1-XX-KP4 Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-R1-XX-RP5-PF LIGITEK-LSD3C5-65-R1-XX-RP5-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-64-R1-XX-PF LIGITEK-LSD3C5-64-R1-XX-PF Datasheet
156Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-62V-XX-PF LIGITEK-LSD3C5-62V-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
logo
China Semiconductor Cor...
CSS-3108A9 CHINASEMI-CSS-3108A9 Datasheet
189Kb / 6P
   0.31 Inch Single Digit Display
CSS-3108B7 CHINASEMI-CSS-3108B7 Datasheet
186Kb / 6P
   0.31 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com