Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSBKS9UG42292 Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd.

No de pièce LSBKS9UG42292
Description  DURL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBKS9UG42292 Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSBKS9UG42292 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBKS9UG42292 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBKS9UG42292 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBKS9UG42292 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBKS9UG42292 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBKS9UG42292 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBKS9UG42292 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Topr
Operating Temperature
Storage Temperature
Tstg
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Power Dissipation
PD
Ir
IFP
Forward Current
Parameter
IF
Symbol
60
75
10
mW
μA
mA
9UG
30
Ratings
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Page 2/6
Electrostatic Discharge( * )
ESD
2000
V
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
50
500
100
120
30
SBKS
-20 ~ +85
-30 ~ +100
White Diffused
LSBKS9UG42292
Blue
InGaN/SiC
PART NO
MATERIAL
Emitted
Lens
COLOR
90
475
26
----
3.5 4.2
160
Min.
Luminous
intensity
@20mA(mcd)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
Typ.
Min.
Max.
Viewing
angle
2
θ 1/2
(deg)
Typ.
Green
AlGaInP
574
2.6
1.7
20
160
65
----
PART NO.LSBKS9UG42292
60
60


Numéro de pièce similaire - LSBKS9UG42292

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSBKS9UG42292-R2-W88 LIGITEK-LSBKS9UG42292-R2-W88 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG42292-S26-PF LIGITEK-LSBKS9UG42292-S26-PF Datasheet
188Kb / 8P
   DUAL COLOR LED LAMPS
LSBKS9UG42292-S26-W115 LIGITEK-LSBKS9UG42292-S26-W115 Datasheet
174Kb / 7P
   DUAL COLOR LED LAMPS
More results

Description similaire - LSBKS9UG42292

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LHRFVG3392-PF LIGITEK-LHRFVG3392-PF Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LSEFG3393-PF LIGITEK-LSEFG3393-PF Datasheet
128Kb / 7P
   DURL COLOR LED LAMPS
LVYSBKS3392-R2 LIGITEK-LVYSBKS3392-R2 Datasheet
118Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-R1-PF LIGITEK-LHRF9UG3393-R1-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSBKS9SEF3393 LIGITEK-LSBKS9SEF3393 Datasheet
102Kb / 6P
   DURL COLOR LED LAMPS
LSRFDGM3392-D1-A-J LIGITEK-LSRFDGM3392-D1-A-J Datasheet
172Kb / 9P
   DURL COLOR LED LAMPS
LURF9UG3392-PF LIGITEK-LURF9UG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFDGM3392 LIGITEK-LSRFDGM3392 Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LVYDBK3392-R2 LIGITEK-LVYDBK3392-R2 Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LVYVG3392-PF LIGITEK-LVYVG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFSBKS3392 LIGITEK-LSRFSBKS3392 Datasheet
121Kb / 7P
   DURL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com