Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSBKS9SEF3393 Fiches technique(PDF) 4 Page - LIGITEK electronics co., ltd.

No de pièce LSBKS9SEF3393
Description  DURL COLOR LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBKS9SEF3393 Fiches technique(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSBKS9SEF3393 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBKS9SEF3393 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBKS9SEF3393 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBKS9SEF3393 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBKS9SEF3393 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBKS9SEF3393 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.0
Ambient Temperature(
)
0
25
0
75
50
20
10
30
Wavelength (nm)
530
380
100
0
480
480
430
580
630
680
0.5
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
Fig.3 Forward Current vs. Temperature
40
0
Forward Voltage(V)
1
23
4
5
10
25
20
15
30
SBK-S CHIP
0.75
Fig.4 Relative Intensity vs. Wavelength
Forward Current(mA)
0
0
5
5
10
15
0.25
0.5
25
20
30
Fig.2 Relative Intensity vs. Forward Current
1.25
1.0
1.5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 3/5
PART NO. LSBKS9SEF3393


Numéro de pièce similaire - LSBKS9SEF3393

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2362 LIGITEK-LSBKS9UG2362 Datasheet
135Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSBKS9UG3392 LIGITEK-LSBKS9UG3392 Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LSBKS9UG35162 LIGITEK-LSBKS9UG35162 Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSBKS9UG42292 LIGITEK-LSBKS9UG42292 Datasheet
151Kb / 7P
   DURL COLOR LED LAMPS
More results

Description similaire - LSBKS9SEF3393

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LHRFVG3392-PF LIGITEK-LHRFVG3392-PF Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LSEFG3393-PF LIGITEK-LSEFG3393-PF Datasheet
128Kb / 7P
   DURL COLOR LED LAMPS
LVYSBKS3392-R2 LIGITEK-LVYSBKS3392-R2 Datasheet
118Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-R1-PF LIGITEK-LHRF9UG3393-R1-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFDGM3392-D1-A-J LIGITEK-LSRFDGM3392-D1-A-J Datasheet
172Kb / 9P
   DURL COLOR LED LAMPS
LURF9UG3392-PF LIGITEK-LURF9UG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFDGM3392 LIGITEK-LSRFDGM3392 Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LVYDBK3392-R2 LIGITEK-LVYDBK3392-R2 Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LVYVG3392-PF LIGITEK-LVYVG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFSBKS3392 LIGITEK-LSRFSBKS3392 Datasheet
121Kb / 7P
   DURL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com